Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS63 Datasheet(PDF) 4 Page - Lumileds Lighting Company

Part # DS63
Description  Reliable high-power LED that gives you the design flexibility and performance you need
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS63 Datasheet(HTML) 4 Page - Lumileds Lighting Company

  DS63 Datasheet HTML 1Page - Lumileds Lighting Company DS63 Datasheet HTML 2Page - Lumileds Lighting Company DS63 Datasheet HTML 3Page - Lumileds Lighting Company DS63 Datasheet HTML 4Page - Lumileds Lighting Company DS63 Datasheet HTML 5Page - Lumileds Lighting Company DS63 Datasheet HTML 6Page - Lumileds Lighting Company DS63 Datasheet HTML 7Page - Lumileds Lighting Company DS63 Datasheet HTML 8Page - Lumileds Lighting Company DS63 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
DS063 LUXEON Rebel Product Datasheet 20160627 ©2016 Lumileds Holding B.V. All rights reserved.
3
Product Selection for LUXEON Rebel
Thermal Pad Temperature = 25°C
Table 1.
Nominal
CCT
Part
Number
Minimum
CRI
Typical
CRI
Typical
R9
Min Luminous
Flux
F
V
Typ Luminous
Flux
F
V
2700K
LXM3-PW81
80
85
18
65
88
3000K
LXM3-PW71
80
85
22
66
94
3500K
LXM3-PW61
80
85
30
67
95
4000K
LXM3-PW51
80
85
28
75
103
Notes for Table 1:
1. Lumileds maintains a tolerance of ±6.5% on luminous flux measurements and ±2 on CRI measurements.
2. Test current is 350mA.
Optical Characteristics
LUXEON Rebel at Test Current [1, 5], Thermal Pad Temperature = 25°C
Table 2.
Nominal
CCT
Color Temperature [2] CCT
Typical Total
Included Angle [3]
(°C) u
0.90V
Typical Viewing
Angle [4]
(°C) 2u 1/2
Minimum
Typical
Maximum
2700K
2580K
2725K
2870K
160°
120°
3000K
2870K
3045K
3220K
160°
120°
3500K
3220K
3465K
3710K
160°
120°
4000K
3710K
3985K
4260K
160°
120°
Notes for Table 2:
1. Test current is 350mA.
2. CCT ±5% tester tolerance.
3. Total angle at which 90% of total luminous flux is captured.
4. Viewing angle is the off axis angle from lamp centerline where the luminous intensity is 1/2 of the peak value.
5. All white products are built with Indium Gallium Nitride (InGaN).


Similar Part No. - DS63

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS60 DALLAS-DS60 Datasheet
56Kb / 4P
   Micro-Centigrade Temperature Sensor
logo
Lumileds Lighting Compa...
DS60 LUMILEDS-DS60 Datasheet
655Kb / 26P
   power LED
logo
Maxim Integrated Produc...
DS60 MAXIM-DS60 Datasheet
58Kb / 2P
   Analog Temperature Sensor
100906
logo
SICK AG
DS60-N11121 SICK-DS60-N11121 Datasheet
645Kb / 5P
   MID RANGE DISTANCE SENSORS
DS60-N21111 SICK-DS60-N21111 Datasheet
655Kb / 6P
   MID RANGE DISTANCE SENSORS
More results

Similar Description - DS63

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB63 LUMILEDS-PB63 Datasheet
1Mb / 2P
   Reliable high-power LED that gives you the design flexibility and performance you need
PB146 LUMILEDS-PB146 Datasheet
1Mb / 2P
   Color LEDs that deliver the perfect amount of color you need
logo
EDA Technology Co.,LTD
ED-CM4NANO10-0232-C EDATEC-ED-CM4NANO10-0232-C Datasheet
3Mb / 6P
   The Industrial Raspberry Pi that You Expect
2022-10-24
logo
List of Unclassifed Man...
IS15DSBFP4RGB ETC2-IS15DSBFP4RGB Datasheet
3Mb / 5P
   Switches that make you smarter
logo
Lumileds Lighting Compa...
DS146 LUMILEDS-DS146 Datasheet
1Mb / 18P
   Color LEDs that deliver the perfect amount of color you need. No More. No less.
logo
List of Unclassifed Man...
RS-1215-20 ETC2-RS-1215-20 Datasheet
473Kb / 4P
   Tripp Lite Power Strip - Multiple outlets wherever you need them
SO239 ETC1-SO239 Datasheet
161Kb / 2P
   For those special projects when you need to mount an SO-239, the DX Engineering
logo
Silicon Laboratories
SI47XX-EVB SILABS-SI47XX-EVB Datasheet
9Mb / 164P
   Thank you for purchasing the Silicon Laboratories
logo
Murata Manufacturing Co...
WSN802GDK MURATA-WSN802GDK Datasheet
576Kb / 1P
   Everything you need to get a wireless sensor node up and running in minutes
logo
NXP Semiconductors
VYBRIDFSERIESEC NXP-VYBRIDFSERIESEC_V01 Datasheet
1Mb / 125P
   Part numbers for the chip have fields that identify the specific part. You can use the values of these fields to determine the specific part you have received.
Rev. 10, 08/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com