Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSAV331QSC Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FSAV331QSC
Description  Dual 4:1 Wide Bandwidth Video Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSAV331QSC Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FSAV331QSC Datasheet HTML 1Page - Fairchild Semiconductor FSAV331QSC Datasheet HTML 2Page - Fairchild Semiconductor FSAV331QSC Datasheet HTML 3Page - Fairchild Semiconductor FSAV331QSC Datasheet HTML 4Page - Fairchild Semiconductor FSAV331QSC Datasheet HTML 5Page - Fairchild Semiconductor FSAV331QSC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.fairchildsemi.com
6
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Package Number MTC16
Technology Description
The Fairchild Switch family derives from and embodies Fairchild’s proven switch technology used for several years in its
74LVX3L384 (FST3384) bus switch product.
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com


Similar Part No. - FSAV331QSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAV331QSC FAIRCHILD-FSAV331QSC Datasheet
163Kb / 7P
   Dual Channel 4:1 Video Switch
More results

Similar Description - FSAV331QSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAV332 FAIRCHILD-FSAV332 Datasheet
119Kb / 7P
   Wide Bandwidth Video Switch
logo
Burr-Brown (TI)
MPC100 BURR-BROWN-MPC100 Datasheet
351Kb / 15P
   Wide Bandwidth 4 x 1 VIDEO MULTIPLEXER
logo
Texas Instruments
TL52055 TI-TL52055_07 Datasheet
220Kb / 11P
[Old version datasheet]   WIDE-BANDWIDTH,2-INPUT,1-OUTPUT 3-CIRCUIT VIDEO SWITCH
TL52055 TI-TL52055 Datasheet
233Kb / 10P
[Old version datasheet]   WIDE BANDWIDTH 2 INPUT 1 OUTPUT 3-CIRCUIT VIDEO SWITCH
logo
Fairchild Semiconductor
FSAV331 FAIRCHILD-FSAV331_10 Datasheet
609Kb / 7P
   Dual-Channel, 4:1 Video Switch
logo
ON Semiconductor
FSAV331 ONSEMI-FSAV331 Datasheet
644Kb / 9P
   Dual-Channel, 4:1 Video Switch
October 2010 Rev. 1.0.2
logo
Fairchild Semiconductor
FSAV331 FAIRCHILD-FSAV331_05 Datasheet
163Kb / 7P
   Dual Channel 4:1 Video Switch
FSAV331MTCX FAIRCHILD-FSAV331MTCX Datasheet
609Kb / 7P
   Dual-Channel, 4:1 Video Switch
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330_14 Datasheet
359Kb / 8P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A Datasheet
491Kb / 13P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com