Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM8617VACYKS-RL7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM8617VACYKS-RL7
Description  Low-Voltage Manual Reset & Watchdog Supervisory Circuits in 4-Lead SC70
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8617VACYKS-RL7 Datasheet(HTML) 3 Page - Analog Devices

  ADM8617VACYKS-RL7 Datasheet HTML 1Page - Analog Devices ADM8617VACYKS-RL7 Datasheet HTML 2Page - Analog Devices ADM8617VACYKS-RL7 Datasheet HTML 3Page - Analog Devices ADM8617VACYKS-RL7 Datasheet HTML 4Page - Analog Devices ADM8617VACYKS-RL7 Datasheet HTML 5Page - Analog Devices ADM8617VACYKS-RL7 Datasheet HTML 6Page - Analog Devices ADM8617VACYKS-RL7 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Preliminary Technical Data
ADM8611/ADM8616/ADM8617/ADM8618
Rev. PrB | Page 3 of 7
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
MANUAL RESET INPUT (ADM8611)
MR Input Threshold
0.3xVCC
V
0.7xVCC
V
MR Input Pulse Width
1
µs
MR Glitch Rejection
100
ns
MR Pull-up Resistance
25
50
75
k
MR to Reset Delay
200
ns
WATCHDOG INPUT (ADM8616, ADM8617, ADM8618)
Watchdog Timeout Period
4.3
6.3
9.3
ms
ADM86___W
71
102
153
ms
ADM86___X
1.12
1.6
2.4
s
ADM86___Y
17.9
25.6
38.4
s
ADM86___Z
WDI Pulse Width
50
ns
VIL=0.3xVCC, VIH=0.7xVCC,
WDI Input Threshold
0.3xVCC
V
0.7xVCC
V
WDI Input Current
120
160
µA
VWDI= VCC, time average
-20
-15
µA
VWDI=0, time average
ABSOLUTE MAXIMUM RATINGS
Table 3. TA = 25°C unless otherwise noted.
Parameter
Rating
VCC
-0.3V to +6V
RESET/RESET
-0.3V to +6V
Output Current (RESET, RESET)
20mA
Operating Temperature Range
-40°C to +85°C
Storage Temperature Range
-65°C to +150°C
θJA Thermal Impedance, SC70
146°C/W
Lead Temperature
Soldering (10 sec)
300°C
Vapour Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.


Similar Part No. - ADM8617VACYKS-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8617RCYAKSZ-RL72 AD-ADM8617RCYAKSZ-RL72 Datasheet
278Kb / 12P
   Low Voltage Supervisory Circuits with Watchdog in 4-Lead SC70
REV. B
ADM8617SAYAKSZ-RL72 AD-ADM8617SAYAKSZ-RL72 Datasheet
278Kb / 12P
   Low Voltage Supervisory Circuits with Watchdog in 4-Lead SC70
REV. B
ADM8617 AD-ADM8617_15 Datasheet
278Kb / 12P
   Low Voltage Supervisory Circuits with Watchdog in 4-Lead SC70
REV. B
More results

Similar Description - ADM8617VACYKS-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8616 AD-ADM8616_07 Datasheet
278Kb / 12P
   Low Voltage Supervisory Circuits with Watchdog in 4-Lead SC70
REV. B
ADM8616 AD-ADM8616_15 Datasheet
278Kb / 12P
   Low Voltage Supervisory Circuits with Watchdog in 4-Lead SC70
REV. B
ADM8617 AD-ADM8617_15 Datasheet
278Kb / 12P
   Low Voltage Supervisory Circuits with Watchdog in 4-Lead SC70
REV. B
ADM823 AD-ADM823_15 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
ADM823 AD-ADM823 Datasheet
180Kb / 10P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Rev.PrB
ADM825TYRJ-R7 AD-ADM825TYRJ-R7 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Rev. D
ADM824 AD-ADM824_15 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
ADM825 AD-ADM825_15 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
ADM823_VC AD-ADM823_VC Datasheet
197Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Rev. C
ADM823RYRJZ-R7 AD-ADM823RYRJZ-R7 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com