Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FSCQ1565RP Datasheet(PDF) 12 Page - Fairchild Semiconductor

Part No. FSCQ1565RP
Description  Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FSCQ1565RP Datasheet(HTML) 12 Page - Fairchild Semiconductor

Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
FSCQ1565RP
12
Electrical characteristics (Continued)
-50
0
50
100
150
0.90
0.95
1.00
1.05
1.10
Extended QR Enable Freqency
Temp[℃
]
[℃]
[℃]
[℃]
[℃]
-50
0
50
100
150
0.90
0.95
1.00
1.05
1.10
Temp[℃
℃]
Pulse-by-pulse Current Limit
-50
0
50
100
150
0.90
0.95
1.00
1.05
1.10
Tem p[℃
℃ ]
Extended Q R Disable Frequency
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
? Notes :
1. Z
?JC
(t) = 0.46 ? /W Max.
2. Duty Factor, D=t
1
/t
2
3. T
JM
- T
C
= P
DM
* Z
?JC
(t)
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
Transieus Thermal Response
t
1
, Square Wave Pulse Duration [sec]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
Maximum Safe Operating Aree
100 us
DC
10 ms
1 ms
Operation in This Area
is Limited by R
DS(on)
? Notes :
1. T
C
= 25
oC
2. T
J
= 150
oC
3. Single Pulse
V
DS
, Drain-Source Voltage [V]
25
50
75
100
125
150
0
200
400
600
800
1000
1200
Maximum Avalanch Energy
Initial Junction Temperature, T
J
[
oC]


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn