Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FSCQ1565RP Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. FSCQ1565RP
Description  Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSCQ1565RP Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSCQ1565RP Datasheet HTML 1Page - Fairchild Semiconductor FSCQ1565RP Datasheet HTML 2Page - Fairchild Semiconductor FSCQ1565RP Datasheet HTML 3Page - Fairchild Semiconductor FSCQ1565RP Datasheet HTML 4Page - Fairchild Semiconductor FSCQ1565RP Datasheet HTML 5Page - Fairchild Semiconductor FSCQ1565RP Datasheet HTML 6Page - Fairchild Semiconductor FSCQ1565RP Datasheet HTML 7Page - Fairchild Semiconductor FSCQ1565RP Datasheet HTML 8Page - Fairchild Semiconductor FSCQ1565RP Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev.1.0.0
Features
• Optimized for Quasi-Resonant Converter (QRC)
• Advanced Burst-Mode operation for under 1 W standby
power consumption
• Pulse by Pulse Current Limit (11.5A)
• Over load protection (OLP) - Auto restart
• Over voltage protection (OVP) - Auto restart
• Abnormal Over Current Protection (AOCP) - Latch
• Internal Thermal Shutdown (TSD) - Latch
• Under Voltage Lock Out (UVLO) with hysteresis
• Low Startup Current (typical : 25uA)
• Low Operating Current (typical : 7mA)
• Internal High Voltage SenseFET
• Built-in Soft Start (20ms)
• Extended Quasi-resonant Switching for Wide Load Range
Application
•CTV
• DVD Receiver
• Audio Power Supply
Description
In general, Quasi-Resonant Converter (QRC) shows lower
EMI and higher power conversion efficiency compared to the
conventional hard switched converter with a fixed switching
frequency. Therefore, it is well suited for applications that are
sensitive to the noise, such as color TV and audio. The
FSCQ1565RP is an integrated Pulse Width Modulation
(PWM) controller and Sense FET specifically designed for
Quasi-resonant off-line Switch Mode Power Supplies
(SMPS) with minimal external components. The PWM
controller includes integrated fixed frequency oscillator, under
voltage lockout, leading edge blanking (LEB), optimized gate
driver, internal soft start, temperature compensated precise
current sources for a loop compensation and self protection
circuitry. Compared with discrete MOSFET and PWM
controller solution, it can reduce total cost, component count,
size and weight simultaneously increasing efficiency, produc-
tivity, and system reliability. This device is a basic platform
well suited for cost effective designs of Quasi resonant
switching flyback converters.
Table 1. Notes: 1. Maximum practical continuous power
in an open frame design at 50
°C ambient. 2. 230 VAC or
100/115 VAC with doubler.
Typical Circuit
Figure 1. Typical Flyback Application
OUTPUT POWER TABLE
PRODUCT
230VAC
±15%(2)
85-265VAC
Open Frame(1)
Open Frame(1)
FSCQ0765RT
100 W
85 W
FSCQ1265RT
170 W
140 W
FSCQ1565RT
210 W
170 W
FSCQ1565RP
250 W
210 W
Vcc
GND
Drain
Sync
Vo
PWM
V
FB
AC
IN
FSCQ1565RP
FSCQ1565RP
Green Mode Fairchild Power Switch (FPSTM) for
Quasi-Resonant Switching Converter


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn