Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FSCQ1565RP Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. FSCQ1565RP
Description  Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSCQ1565RP Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSCQ1565RP Datasheet HTML 1Page - Fairchild Semiconductor FSCQ1565RP Datasheet HTML 2Page - Fairchild Semiconductor FSCQ1565RP Datasheet HTML 3Page - Fairchild Semiconductor FSCQ1565RP Datasheet HTML 4Page - Fairchild Semiconductor FSCQ1565RP Datasheet HTML 5Page - Fairchild Semiconductor FSCQ1565RP Datasheet HTML 6Page - Fairchild Semiconductor FSCQ1565RP Datasheet HTML 7Page - Fairchild Semiconductor FSCQ1565RP Datasheet HTML 8Page - Fairchild Semiconductor FSCQ1565RP Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
FSCQ1565RP
5
Electrical Characteristics (SenseFET Part)
(Ta=25
°C unless otherwise specified)
Note:
1. Pulse test : Pulse width
≤ 300µS, duty ≤ 2%
Parameter
Symbol
Condition
Min.
Typ. Max.
Unit
Drain-Source Breakdown Voltage
BVDSS
VGS = 0V, ID = 250
µA
650
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS = Max, Rating, VGS = 0V
-
-
200
µA
VDS= 0.8*Max., Rating
VGS = 0V, TC = 85
°C
-
-
300
µA
Static Drain-source on Resistance (Note) RDS(ON)
VGS = 10V, ID = 2.3A
-
0.53
0.7
Input Capacitance
Ciss
VGS = 0V, VDS = 25V,
f = 1MHz
-
3050 3965
pF
Output Capacitance
Coss
-
220
286
Reverse Transfer Capacitance
Crss
-
40
52
Turn on Delay Time
td(on)
VDD= 0.5BVDSS, ID= 7.0A
(MOSFET switching
times are essentially
independent of operating
temperature)
-50
75
ns
Rise Time
tr
-
130
179
Turn Off Delay Time
td (off)
-
430
569
Fall Time
tf
-
135
186
Total Gate Charge
(Gate-Source+Gate-Drain)
Qg
VGS = 10V, ID = 7.0A,
VDS = 0.5BVDSS (MOSFET
Switching times are essentially
independent of operating
temperature)
-
127
165
nC
Gate-Source Charge
Qgs
-
16
21
Gate-Drain (Miller) Charge
Qgd
-
52
68


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn