Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FSCQ1565RP Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. FSCQ1565RP
Description  Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSCQ1565RP Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSCQ1565RP Datasheet HTML 1Page - Fairchild Semiconductor FSCQ1565RP Datasheet HTML 2Page - Fairchild Semiconductor FSCQ1565RP Datasheet HTML 3Page - Fairchild Semiconductor FSCQ1565RP Datasheet HTML 4Page - Fairchild Semiconductor FSCQ1565RP Datasheet HTML 5Page - Fairchild Semiconductor FSCQ1565RP Datasheet HTML 6Page - Fairchild Semiconductor FSCQ1565RP Datasheet HTML 7Page - Fairchild Semiconductor FSCQ1565RP Datasheet HTML 8Page - Fairchild Semiconductor FSCQ1565RP Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
FSCQ1565RP
4
Absolute Maximum Ratings
(Ta=25
°C, unless otherwise specified)
Notes:
1. Tj = 25
°C to 150°C
2. Repetitive rating: Pulse width limited by maximum junction temperature
3. L = 21mH, VDD = 50V, RG = 25
Ω, starting Tj = 25°C
Parameter
Symbol
Value
Unit
Drain-Source (GND) Voltage (1)
VDSS
650
V
Drain-Gate Voltage (RGS=1M
Ω)VDGR
650
V
Gate-Source (GND) Voltage
VGS
±30
V
Drain Current Pulsed (2)
IDM
45
ADC
Single Pulsed Avalanche Energy (3)
EAS
1050
mJ
Continuous Drain Current (Tc = 25°C)
ID
8.3
ADC
Continuous Drain Current (TC=100
°C)
ID
5.5
ADC
Supply Voltage
VCC
20
V
Analog Input Voltage Range
Vsync
-0.3 to 13V
V
VFB
-0.3 to VCC
V
Total Power Dissipation
PD
98
W
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature
TA
-25 to +85
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Thermal Resistance
Rthjc
1.28
°C/W
ESD Capability, HBM Model (All pins excepts
for Vfb)
-
2.0
(Vfb=1.7kV)
kV
ESD Capability, Machine Model (All pins
excepts for Vfb)
-
300
(Vfb=170V)
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn