Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE91396 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE91396
Description  Slide-On BMA Plug to SMA Male Adapter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91396 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE91396 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91396 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91396 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE91396 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
.
Description
Connector 1
Connector 2
Type
BMA Plug
SMA Male
Polarity
Standard
Standard
Contact Retention Force, Min
6.07 lbs [2.75 Kg]
.
Material Specifications
Connector 1
Connector 2
Description
Material
Plating
Material
Plating
Type
Slide-On BMA Plug
SMA Male
Contact
Brass
Gold
Brass
Gold
Insulation
PTFE
Outer Conductor Passivated Stainless Steel
Body
Passivated Stainless Steel
Passivated Stainless Steel
Coupling Nut
Passivated Stainless Steel
. .
Environmental Specifications
Temperature
Operating Range
-65 to +125 deg C
.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
PE91396 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Slide-On BMA Plug to SMA Male Adapter PE91396
Slide-On BMA Plug to SMA Male Adapter
RF Adapters Technical Data Sheet
PE91396


Similar Part No. - PE91396

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9139 PASTERNACK-PE9139 Datasheet
252Kb / 3P
   SMC Plug to BNC Male Adapter
PE91390 PASTERNACK-PE91390 Datasheet
357Kb / 4P
   Low PIM 7/16 DIN Male to 4.3-10 Female Adapter
PE91391 PASTERNACK-PE91391 Datasheet
356Kb / 4P
   Low PIM 7/16 DIN Female to 4.3-10 Male Adapter
PE91392 PASTERNACK-PE91392 Datasheet
357Kb / 3P
   TNC Female to 7/16 DIN Female Adapter
PE91395 PASTERNACK-PE91395 Datasheet
356Kb / 4P
   Slide-On BMA Jack to BMA Jack Slide-On Adapter
More results

Similar Description - PE91396

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91401 PASTERNACK-PE91401 Datasheet
358Kb / 4P
   Bulkhead Mount Slide-On BMA Plug to SMA Male Adapter
PE91397 PASTERNACK-PE91397 Datasheet
360Kb / 4P
   Slide-On BMA Jack to SMA Male Adapter
PE91398 PASTERNACK-PE91398 Datasheet
361Kb / 4P
   Slide-On BMA Plug to SMA Female Adapter
PE91402 PASTERNACK-PE91402 Datasheet
358Kb / 4P
   Bulkhead Mount Slide-On BMA Plug to SMA Female Adapter
PE91395 PASTERNACK-PE91395 Datasheet
356Kb / 4P
   Slide-On BMA Jack to BMA Jack Slide-On Adapter
PE91400 PASTERNACK-PE91400 Datasheet
360Kb / 4P
   Slide-On BMA Jack to SMA Female Adapter
logo
Molex Electronics Ltd.
0732512130 MOLEX11-0732512130 Datasheet
29Kb / 1P
   50 Ohms, SMA Jack to SMA Plug slide on Adapter
logo
Pasternack Enterprises,...
PE91399 PASTERNACK-PE91399 Datasheet
370Kb / 4P
   2 Hole Flange Mount Slide-On BMA Jack to SMA Female Adapter
logo
Molex Electronics Ltd.
0732512130 MOLEX-0732512130_V01 Datasheet
30Kb / 1P
   50 Ohms, SMA Jack to SMA Plug slide on Adapter
logo
Winchester Electronics ...
SD251-360-0001P WINCHESTER-SD251-360-0001P Datasheet
127Kb / 1P
   SMA JACK TO BMA BULKHEAD PLUG ADAPTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com