Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLV6D-FKB-MN1R1H1BB7D3D3 Datasheet(PDF) 3 Page - Cree, Inc

Part # CLV6D-FKB-MN1R1H1BB7D3D3
Description  PLCC6 3-in-1 SMD LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLV6D-FKB-MN1R1H1BB7D3D3 Datasheet(HTML) 3 Page - Cree, Inc

  CLV6D-FKB-MN1R1H1BB7D3D3 Datasheet HTML 1Page - Cree, Inc CLV6D-FKB-MN1R1H1BB7D3D3 Datasheet HTML 2Page - Cree, Inc CLV6D-FKB-MN1R1H1BB7D3D3 Datasheet HTML 3Page - Cree, Inc CLV6D-FKB-MN1R1H1BB7D3D3 Datasheet HTML 4Page - Cree, Inc CLV6D-FKB-MN1R1H1BB7D3D3 Datasheet HTML 5Page - Cree, Inc CLV6D-FKB-MN1R1H1BB7D3D3 Datasheet HTML 6Page - Cree, Inc CLV6D-FKB-MN1R1H1BB7D3D3 Datasheet HTML 7Page - Cree, Inc CLV6D-FKB-MN1R1H1BB7D3D3 Datasheet HTML 8Page - Cree, Inc CLV6D-FKB-MN1R1H1BB7D3D3 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
3
Cree PLCC6 3 in 1 SMD LED
CLV6D-FKB
INTENSITY BIN LIMIT (I
F = 20 mA)
COLOR BIN LIMIT (I
F = 20 mA)
Tolerance of measurement of luminous intensity is ±10%.
Tolerance of measurement of dominant wavelength is ±1 nm.
Red
Bin Code
Min.(mcd)
Max.(mcd)
M
710
900
qr
805
1010
N
900
1120
st
1010
1260
P
1120
1400
Green
Bin Code
Min.(mcd)
Max.(mcd)
Q
1400
1800
xy
1600
2020
R
1800
2240
z1a
2020
2520
S
2240
2800
Blue
Bin Code
Min.(mcd)
Max.(mcd)
G
280
355
fg
318
403
H
355
450
hj
403
505
J
450
560
km
505
635
K
560
710
Red
Bin Code
Min.(nm)
Max.(nm)
RB
619
624
Green
Bin Code
Min.(nm)
Max.(nm)
G7
520
525
G23
522.5
527.5
G8
525
530
G45
527.5
532.5
G9
530
535
G67
532.5
537.5
Ga
535
540
Blue
Bin Code
Min.(nm)
Max.(nm)
B3
460
465
B23
462.5
467.5
B4
465
470
B45
467.5
472.5
B5
470
475
B67
472.5
477.5
B6
475
480


Similar Part No. - CLV6D-FKB-MN1R1H1BB7D3D3

ManufacturerPart #DatasheetDescription
logo
SICK AG
CLV610-C0000 SICK-CLV610-C0000 Datasheet
562Kb / 6P
   BAR CODE SCANNERS
CLV610-C1000 SICK-CLV610-C1000 Datasheet
562Kb / 6P
   BAR CODE SCANNERS
CLV610-C3000 SICK-CLV610-C3000 Datasheet
570Kb / 6P
   BAR CODE SCANNERS
logo
Z-Communications, Inc
CLV6115A-LF ZCOMM-CLV6115A-LF Datasheet
99Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
CLV6115A-LF ZCOMM-CLV6115A-LF Datasheet
59Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
More results

Similar Description - CLV6D-FKB-MN1R1H1BB7D3D3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLY6D-FKC CREE-CLY6D-FKC Datasheet
1Mb / 10P
   PLCC6 3 in 1 SMD LED
logo
Marktech Corporate
CLP6C-FKB MARKTECH-CLP6C-FKB_15 Datasheet
511Kb / 9P
   PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLV6B-FKB CREE-CLV6B-FKB Datasheet
1Mb / 11P
   PLCC6 3-in-1 SMD LED
CLX6A-FKB CREE-CLX6A-FKB Datasheet
1Mb / 11P
   PLCC6 3 in 1 SMD LED
CLP6B-WKW CREE-CLP6B-WKW Datasheet
639Kb / 10P
   PLCC6 3-in-1 SMD LED
CLP6C-RKW CREE-CLP6C-RKW Datasheet
493Kb / 8P
   PLCC6 3-in-1 SMD LED
logo
Marktech Corporate
CLP6C-FKB MARKTECH-CLP6C-FKB Datasheet
511Kb / 9P
   PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLYBA-FKA CREE-CLYBA-FKA Datasheet
1Mb / 10P
   PLCC6 3 in 1 SMD LED
CLV6A-FKB CREE-CLV6A-FKB Datasheet
583Kb / 11P
   PLCC6 3 in 1 SMD LED
logo
Marktech Corporate
CLP6C-RKW MARKTECH-CLP6C-RKW Datasheet
493Kb / 8P
   PLCC6 3-in-1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com