Electronic Components Datasheet Search |
|
C4SMT-GJS-CV44Q7S1 Datasheet(PDF) 1 Page - Cree, Inc |
|
C4SMT-GJS-CV44Q7S1 Datasheet(HTML) 1 Page - Cree, Inc |
1 / 9 page PRODUCT FAMILY DATA SHEET Cree® Screen Master® 4-mm Oval LED C4SMT-RJS/GJS/BJS Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc. PRODUCT DESCRIPTION The oval LED is specifically designed for variable-message signs and full- color video screens and billboards. The C4SMT family has been optimized to have its brightest point at 20° be- low the horizon. This is ideal for screen installations where the viewing audi- ence is below the screen. The oval- shaped radiation pattern and high luminous intensity ensure that these devices are excellent for wide-field- of -view outdoor applications where a wide viewing angle and readability in sunlight are essential. These lamps are made with an ad- vanced optical-grade epoxy that offers superior high-temperature and high- moisture-resistance performance in outdoor signal and sign applications. The encapsulation resin contains anti- UV material in order to reduce the ef- fects of long-term exposure to direct sunlight. FEATURES • Size (mm): 4 • Color and Typical Dominant Wavelength: Red (621nm) Green(527nm) Blue(470nm) • Peak Luminous Intensity (mcd) C4SMT-RJS: (770-3000) C4SMT-GJS: (1520-5860) C4SMT-BJS: (390-1520) • Lead - Free • RoHS Compliant Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 www.cree.com/xlamp Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 APPLICATIONS • Electronic Signs & Signals (ESS) • Full Color video screen • Motorway Signs • Variable Message Sign (VMS) • Advertising signs • Petrol Signs |
Similar Part No. - C4SMT-GJS-CV44Q7S1 |
|
Similar Description - C4SMT-GJS-CV44Q7S1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |