Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLMVB-FKA-CF1E1L1BB7D3D3 Datasheet(PDF) 4 Page - Cree, Inc

Part # CLMVB-FKA-CF1E1L1BB7D3D3
Description  PLCC4 3 in 1 RGB SMD LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLMVB-FKA-CF1E1L1BB7D3D3 Datasheet(HTML) 4 Page - Cree, Inc

  CLMVB-FKA-CF1E1L1BB7D3D3 Datasheet HTML 1Page - Cree, Inc CLMVB-FKA-CF1E1L1BB7D3D3 Datasheet HTML 2Page - Cree, Inc CLMVB-FKA-CF1E1L1BB7D3D3 Datasheet HTML 3Page - Cree, Inc CLMVB-FKA-CF1E1L1BB7D3D3 Datasheet HTML 4Page - Cree, Inc CLMVB-FKA-CF1E1L1BB7D3D3 Datasheet HTML 5Page - Cree, Inc CLMVB-FKA-CF1E1L1BB7D3D3 Datasheet HTML 6Page - Cree, Inc CLMVB-FKA-CF1E1L1BB7D3D3 Datasheet HTML 7Page - Cree, Inc CLMVB-FKA-CF1E1L1BB7D3D3 Datasheet HTML 8Page - Cree, Inc CLMVB-FKA-CF1E1L1BB7D3D3 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
4
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
4
Cree PLCC4 3 in 1 SMD RGB LED
CLMVB-FKA
ORDER CODE TABLE*
Kit Number
Color
Luminous Intensity (mcd)
Dominant Wavelength (nm)
Package
Min.
Max.
Color
Bin
Min.
(nm)
Color
Bin
Max.
(nm)
CLMVB-FKA-CFHEHLCBB7a363
Red
224
450
RB
619
RB
624
Reel
Green
180
450
G7
520
Ga
540
Reel
Blue
56
140
B3
460
B6
480
Reel
CLMVB-FKA-CF1E1L1BB7D3D3
Red
Any 1 Intensity bin from F(224) - G(355)
RB
619
RB
624
Reel
Green
Any 1 Intensity bin from E(180) - G(355)
Any 1 hue bin from G7(520) - Ga(540)
Reel
Blue
Any 1 Intensity bin from L(56) - B(112)
Any 1 hue bin from B3(460) - B6(480)
Reel
CLMVB-FKA-CG1F1A1BB8C3C3
Red
Any 1 Intensity bin from G(355) - H(450)
RB
619
RB
624
Reel
Green
Any 1 Intensity bin from F(224) - H(450)
Any 1 hue bin from G8(525) - Ga(540)
Reel
Blue
Any 1 Intensity bin from A(71) - C(140)
Any 1 hue bin from B3(460) - B5(475)
Reel
Notes:
1. The above kit numbers represent the order codes which include multiple intensity-bin and color-bin codes. Only one
intensity-bin code and one color-bin code will be shipped on each reel. Single intensity-bin code and single color-
bin code will be orderable in certain quantities.
2. For example, any 1 intensity-bin from F - H means only 1 intensity-bin (F or de or G or fg or H) will be shipped by
Cree.
3. For example, any 1 color-bin from G7 - Ga means only 1 color-bin (G7 or or G23 or G8 or G45 or G9 or G67 or Ga)
will be shipped by Cree.
4. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
5. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.


Similar Part No. - CLMVB-FKA-CF1E1L1BB7D3D3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLMVC-DXA-XHHJJKKLLMMNN1 CREE-CLMVC-DXA-XHHJJKKLLMMNN1 Datasheet
1Mb / 11P
   Cree짰 PLCC4 3 in 1 RGB SMD LED
CLMVC-DXA-XHHJJKKLLMMNN2 CREE-CLMVC-DXA-XHHJJKKLLMMNN2 Datasheet
1Mb / 11P
   Cree짰 PLCC4 3 in 1 RGB SMD LED
CLMVC-DXA-XHHJJKKLLMMNN3 CREE-CLMVC-DXA-XHHJJKKLLMMNN3 Datasheet
1Mb / 11P
   Cree짰 PLCC4 3 in 1 RGB SMD LED
CLMVC-DXA-XHHJJKKLLMMNN4 CREE-CLMVC-DXA-XHHJJKKLLMMNN4 Datasheet
1Mb / 11P
   Cree짰 PLCC4 3 in 1 RGB SMD LED
CLMVC-DXA-XHHJJKKLLMMNNT CREE-CLMVC-DXA-XHHJJKKLLMMNNT Datasheet
1Mb / 11P
   Cree짰 PLCC4 3 in 1 RGB SMD LED
More results

Similar Description - CLMVB-FKA-CF1E1L1BB7D3D3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLMUC-FKA CREE-CLMUC-FKA Datasheet
1Mb / 10P
   PLCC4 3 in 1 RGB SMD LED
CLMVC-FKA CREE-CLMVC-FKA Datasheet
1Mb / 10P
   PLCC4 3 in 1 RGB SMD LED
CLMUD-FKA CREE-CLMUD-FKA Datasheet
1Mb / 11P
   Cree짰 PLCC4 3 in 1 RGB SMD LED
CLMVC-FKC CREE-CLMVC-FKC Datasheet
1Mb / 11P
   Cree짰 PLCC4 3 in 1 RGB SMD LED
logo
Marktech Corporate
CLV1A MARKTECH-CLV1A_15 Datasheet
527Kb / 9P
   PLCC4 3 in 1 SMD LED
CLV1A MARKTECH-CLV1A Datasheet
527Kb / 9P
   PLCC4 3 in 1 SMD LED
CLVBA MARKTECH-CLVBA_15 Datasheet
1,000Kb / 10P
   PLCC4 3 in 1 SMD LED
logo
Cree, Inc
CLV1A-FKB CREE-CLV1A-FKB Datasheet
527Kb / 9P
   PLCC4 3 in 1 SMD LED
logo
Marktech Corporate
CLVBA MARKTECH-CLVBA Datasheet
1,000Kb / 10P
   PLCC4 3 in 1 SMD LED
logo
Cree, Inc
CLMXB-FKA CREE-CLMXB-FKA Datasheet
1Mb / 11P
   Cree짰 PLCC4 3 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com