Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DG411A Datasheet(PDF) 3 Page - Intersil Corporation

Part No. DG411A
Description  Monolithic Quad SPST CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG411A Datasheet(HTML) 3 Page - Intersil Corporation

  DG411A Datasheet HTML 1Page - Intersil Corporation DG411A Datasheet HTML 2Page - Intersil Corporation DG411A Datasheet HTML 3Page - Intersil Corporation DG411A Datasheet HTML 4Page - Intersil Corporation DG411A Datasheet HTML 5Page - Intersil Corporation DG411A Datasheet HTML 6Page - Intersil Corporation DG411A Datasheet HTML 7Page - Intersil Corporation DG411A Datasheet HTML 8Page - Intersil Corporation DG411A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Specifications DG411/883, DG412/883, DG413/883
Absolute Maximum Ratings
Thermal Information
V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44V
GND to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V
VL (Note 2) . . . . . . . . . . . . . . . . . . . . . . . (GND -0.3V) to (V+) +0.3V
Digital Inputs, VS, VD (Note 2) . . . . . (V-) -2V to (V+) + 2V or 30mA,
Whichever Occurs First
Continuous Current (Any Terminal) . . . . . . . . . . . . . . . . . . . . . 30mA
Current, S or D (Pulsed 1ms, 10% Duty Cycle) . . . . . . . . . . . 100mA
Storage Temperature Range (A Suffix) . . . . . . . . . -65oC to +125oC
Lead Temperature (Soldering 10s). . . . . . . . . . . . . . . . . . . . +300oC
Thermal Resistance (Note 3)
θ
JA
θ
JC
CerDIP Package . . . . . . . . . . . . . . . . . . .
75oC/W
20oC/W
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
Operating Temperature (A Suffix) . . . . . . . . . . . . . . -55oC to +125oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Operating Voltage Range
. . . . . . . . . . . . . . . . . . . . . . . . . . . . ±20V Max
Operating Temperature Range. . . . . . . . . . . . . . . . -55oC to +125oC
Input Low Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.8V Max
Input High Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.4V Min
Input Rise and Fall Time
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .≤20ns
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
Device Tested at: V+ = +15V, V- = -15V, VL = 5V, GND = 0V, Unless Otherwise Specified
PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUBGROUP TEMPERATURE
LIMITS
UNITS
MIN
MAX
Drain-to-Source
ON Resistance
RDS(ON)
V+ = +13.5V,
V- = -13.5V,
IS = -10mA,
VD = ±8.5V
VIN = 0.8V
1, 3
+25oC, -55oC
0
35
DG411/883
2
+125oC
0
45
DG412/883
VIN = 2.4V
1, 3
+25oC, -55oC
0
35
2
+125oC
0
45
DG413/883
VIN = 0.8V or
2.4V (Note 1)
1, 3
+25oC, -55oC
0
35
2
+125oC
0
45
DG411/883
V+ = +10.8V,
V- = -0V,
IS = -10mA,
VD = 3.0V and
8.0V
VIN = 0.8V
1, 3
+25oC, -55oC
0
80
2
+125oC
0
100
DG412/883
VIN = 2.4V
1, 3
+25oC, -55oC
0
80
2
+125oC
0
100
DG413/883
VIN = 0.8V or
2.4V (Note 1)
1, 3
+25oC, -55oC
0
80
2
+125oC
0
100
Source OFF Leakage Current
IS(OFF)
V+ = 16.5V,
V- = -16.5V,
VD = -15.5V,
VS = 15.5V
VIN = 2.4V
1
+25oC
-0.25
+0.25
nA
DG411/883
2, 3
+125oC, -55oC
-20
+20
nA
DG412/883
VIN = 0.8V
1
+25oC
-0.25
+0.25
nA
2, 3
+125oC, -55oC
-20
+20
nA
DG413/883
VIN = 0.8V or
2.4V (Note 1)
1
+25oC
-0.25
+0.25
nA
2, 3
+125oC, -55oC
-20
+20
nA
DG411/883
V+ = 16.5V,
V- = -16.5V,
VD = 15.5V,
VS = -15.5V
VIN = 2.4V
1
+25oC
-0.25
+0.25
nA
2, 3
+125oC, -55oC
-20
+20
nA
DG412/883
VIN = 0.8V
1
+25oC
-0.25
+0.25
nA
2, 3
+125oC, -55oC
-20
+20
nA
DG413/883
VIN = 0.8V or
2.4V (Note 1)
1
+25oC
-0.25
+0.25
nA
2, 3
+125oC, -55oC
-20
+20
nA
Spec Number
512043


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CWB308 CMOS/DMOS Quad Monolithic SPST Wide Band Analog Switches 1  2  3  4  5  More Calogic, LLC
DG411L Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches 1  2  3  4  5  More Vishay Siliconix
DG411883 Monolithic Quad SPST CMOS Analog Switches 1  2  3  4  5  More Intersil Corporation
DG441883 Monolithic Quad SPST CMOS Analog Switches 1  2  3  4  5  More Intersil Corporation
DG441 Monolithic Quad SPST CMOS Analog Switches 1  2  3  4  5  More Intersil Corporation
DG444 Monolithic Quad SPST CMOS Analog Switches 1  2  3  4  5  More Intersil Corporation
DG308A Quad Monolithic SPST CMOS Analog Switches 1  2  3  4  5  Vishay Siliconix
MAX4604 5ohm Quad SPST CMOS Analog Switches 1  2  3  4  5  More Maxim Integrated Products
MAX4651 Low-Voltage 4Ω Quad SPST CMOS Analog Switches 1  2  3  4  5  More Maxim Integrated Products

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn