Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSPEMI201A Datasheet(PDF) 5 Page - California Micro Devices Corp

Part # CSPEMI201A
Description  2 Channel Headset Speaker EMI Filter with ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CSPEMI201A Datasheet(HTML) 5 Page - California Micro Devices Corp

  CSPEMI201A Datasheet HTML 1Page - California Micro Devices Corp CSPEMI201A Datasheet HTML 2Page - California Micro Devices Corp CSPEMI201A Datasheet HTML 3Page - California Micro Devices Corp CSPEMI201A Datasheet HTML 4Page - California Micro Devices Corp CSPEMI201A Datasheet HTML 5Page - California Micro Devices Corp CSPEMI201A Datasheet HTML 6Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2003 California Micro Devices Corp. All rights reserved.
10/09/03
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L Fax: 408.263.7846
L www.calmicro.com
5
CSPEMI201A
Application Information
Refer to Application Note AP-217, "The Chip Scale
Package", for a detailed description of Chip Scale
Packages offered by California Micro Devices.
Figure 3. Recommended Non-Solder Mask Defined Pad Illustration
Figure 4. Eutectic (SnPb) Solder
Ball Reflow Profile
Figure 5. Lead-free (SnAgCu) Solder
Ball Reflow Profile
PRINTED CIRCUIT BOARD RECOMMENDATIONS
PARAMETER
VALUE
Pad Size on PCB
0.275mm
Pad Shape
Round
Pad Definition
Non-Solder Mask defined pads
Solder Mask Opening
0.325mm Round
Solder Stencil Thickness
0.125 - 0.150mm
Solder Stencil Aperture Opening (laser cut, 5% tapered walls)
0.330mm Round
Solder Flux Ratio
50/50 by volume
Solder Paste Type
No Clean
Pad Protective Finish
OSP (Entek Cu Plus 106A)
Tolerance — Edge To Corner Ball
+50
µm
Solder Ball Side Coplanarity
+20
µm
Maximum Dwell Time Above Liquidous
60 seconds
Soldering Maximum Temperature
260°C
Solder Mask Opening
0.325mm DIA.
Non-Solder Mask Defined Pad
0.275mm DIA.
Solder Stencil Opening
0.330mm DIA.
200
250
150
100
50
0
1:00.0
2:00.0
3:00.0
4:00.0
Time (minutes)


Similar Part No. - CSPEMI201A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CSPEMI201AG ONSEMI-CSPEMI201AG Datasheet
208Kb / 9P
   2 Channel Headset Speaker EMI Filter with ESD Protection
April 2010 Rev. 3
CSPEMI201AG ONSEMI-CSPEMI201AG Datasheet
198Kb / 5P
   2 Channel Headset Speaker EMI Filter
May, 2011 ??Rev. 4
CSPEMI201AG+AS ONSEMI-CSPEMI201AG+AS Datasheet
208Kb / 9P
   2 Channel Headset Speaker EMI Filter with ESD Protection
April 2010 Rev. 3
CSPEMI201AG/A+TR ONSEMI-CSPEMI201AG/A+TR Datasheet
208Kb / 9P
   2 Channel Headset Speaker EMI Filter with ESD Protection
April 2010 Rev. 3
CSPEMI201AG/AS ONSEMI-CSPEMI201AG/AS Datasheet
208Kb / 9P
   2 Channel Headset Speaker EMI Filter with ESD Protection
April 2010 Rev. 3
More results

Similar Description - CSPEMI201A

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1411 CALMIRCO-CM1411 Datasheet
373Kb / 6P
   2 Channel Headset/Speaker EMI Filter with ESD Protection
logo
ON Semiconductor
CSPEMI201AG ONSEMI-CSPEMI201AG Datasheet
208Kb / 9P
   2 Channel Headset Speaker EMI Filter with ESD Protection
April 2010 Rev. 3
CM1411 ONSEMI-CM1411 Datasheet
208Kb / 9P
   2-Channel Headset/Speaker EMI Filter Array with ESD Protection
April 2010 Rev. 3
CM1416 ONSEMI-CM1416 Datasheet
168Kb / 9P
   Headset/Speaker EMI Filter with ESD Protection
April 2010 Rev. 2
logo
California Micro Device...
CM1414 CALMIRCO-CM1414 Datasheet
259Kb / 6P
   2 Channel Headset EMI Filter with ESD Protection
CSPEMI204 CALMIRCO-CSPEMI204 Datasheet
254Kb / 6P
   2 Channel Headset EMI Filter with ESD Protection
logo
ON Semiconductor
CSPEMI202AG ONSEMI-CSPEMI202AG Datasheet
230Kb / 9P
   2 Channel Headset Microphone EMI Filter with ESD Protection
April 2010 Rev. 3
logo
California Micro Device...
CM1412 CALMIRCO-CM1412 Datasheet
281Kb / 6P
   2 Channel Headset Microphone EMI Filter with ESD Protection
CSPEMI202A CALMIRCO-CSPEMI202A Datasheet
615Kb / 6P
   2 Channel Headset Microphone EMI Filter with ESD Protection
logo
ON Semiconductor
CSPEMI201AG ONSEMI-CSPEMI201AG_11 Datasheet
198Kb / 5P
   2 Channel Headset Speaker EMI Filter
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com