Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE91337 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91337
Description  Precision N Male to SMA Female Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91337 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91337 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91337 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91337 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• N Male Connector 1
• SMA Female Connector 2
• 50 Ohms
• Precision Design
• Straight Body Geometry
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.15:1
Insertion Loss
0.22
dB
. .
Mechanical Specifications
Size
Length
1.25 in [31.75 mm]
Width
0.78 in [19.81 mm]
Weight
0.105 lbs [47.63 g]
.
Description
Connector 1
Connector 2
Type
N Male
SMA Female
Polarity
Standard
Standard
.
Material Specifications
Connector 1
Connector 2
Description
Material
Plating
Material
Plating
Type
N Male
SMA Female
Contact
Beryllium Copper
Gold
Beryllium Copper
Gold
MIL-G-45204
MIL-G-45204
Insulation
PTFE
PTFE
Body
Passivated Stainless Steel
Passivated Stainless Steel
ASTM A380
ASTM A380
Coupling Nut
Passivated Stainless Steel
Passivated Stainless Steel
ASTM A380
ASTM A380
. .
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision N Male to SMA Female Adapter PE91337
PE91337 REV 1.0
Precision N Male to SMA Female Adapter
PE91337
RF Adapters Technical Data Sheet


Similar Part No. - PE91337

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91330 PASTERNACK-PE91330 Datasheet
599Kb / 3P
   Reverse Polarity SMA Male to Reverse Polarity SMA Male Adapter
PE91331 PASTERNACK-PE91331 Datasheet
600Kb / 3P
   Reverse Polarity SMA Male to Reverse Polarity SMA Female Adapter
PE91332 PASTERNACK-PE91332 Datasheet
331Kb / 3P
   Precision SMA Male to SMA Female 45 Degree Right Adapter
PE91334 PASTERNACK-PE91334 Datasheet
607Kb / 3P
   Reverse Polarity SMA Female to Reverse Polarity SMA Female Adapter
PE91336 PASTERNACK-PE91336 Datasheet
354Kb / 3P
   Push-On SMA Male to SMA Female Adapter
More results

Similar Description - PE91337

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9433 PASTERNACK-PE9433 Datasheet
244Kb / 2P
   Precision SMA Male to N Female Adapter
PE9430 PASTERNACK-PE9430 Datasheet
244Kb / 2P
   Precision SMA Female to N Male Adapter
PE9487 PASTERNACK-PE9487 Datasheet
259Kb / 2P
   Precision SMA Male to N Female Bulkhead Adapter
PE9488 PASTERNACK-PE9488 Datasheet
83Kb / 1P
   N FEMALE TO SMA MALE BULKHEAD PRECISION ADAPTER
PE9487 PASTERNACK-PE9487 Datasheet
259Kb / 2P
   Precision SMA Male to N Female Bulkhead Adapter
PE9774 PASTERNACK-PE9774 Datasheet
251Kb / 3P
   Precision QD SMA Male to SMA Female Adapter
PE9432 PASTERNACK-PE9432 Datasheet
243Kb / 2P
   Precision SMA Female to N Female Adapter
PE9723 PASTERNACK-PE9723 Datasheet
253Kb / 3P
   Precision SMA Male to 3.5mm Female Adapter
PE9726 PASTERNACK-PE9726 Datasheet
246Kb / 3P
   Precision SMA Female to 1.85mm Male Adapter
PE91009 PASTERNACK-PE91009 Datasheet
245Kb / 3P
   Precision SMA Female to 2.92mm Male Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com