Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE91329 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE91329
Description  UHF Female to BNC Male Adapter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91329 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE91329 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91329 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91329 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE91329 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE91329 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Typical Performance Data
-80
-70
-60
-50
-40
-30
-20
-10
0
0
30
60
90
120
150
180
210
240
270
300
dB
MHz
Return Loss
S11
S22
-1.00
-0.80
-0.60
-0.40
-0.20
0.00
0
30
60
90
120
150
180
210
240
270
300
dB
MHz
Insertion Loss
PE91329 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: UHF Female to BNC Male Adapter PE91329
UHF Female to BNC Male Adapter
RF Adapters Technical Data Sheet
PE91329


Similar Part No. - PE91329

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9132 PASTERNACK-PE9132 Datasheet
236Kb / 2P
   SMB Jack to BNC Male Adapter
PE91321 PASTERNACK-PE91321 Datasheet
347Kb / 3P
   Bulkhead Push-On SMA Male to SMA Female Bulkhead Adapter
PE91324 PASTERNACK-PE91324 Datasheet
333Kb / 3P
   50 Ohm BNC Female to 75 Ohm F Female Bulkhead Adapter
PE91325 PASTERNACK-PE91325 Datasheet
345Kb / 3P
   SMA Female to SMA Female Radius Right Angle Adapter
PE91327 PASTERNACK-PE91327 Datasheet
344Kb / 3P
   SMA Male to SMA Male Radius Right Angle Adapter MIL-STD-202
More results

Similar Description - PE91329

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3286 POMONA-3286 Datasheet
17Kb / 1P
   Adapter BNC (Female) To UHF (Male)
logo
Pasternack Enterprises,...
PE9004 PASTERNACK-PE9004 Datasheet
235Kb / 2P
   UHF Male to BNC Female Adapter
logo
Pomona Electronics
3287 POMONA-3287 Datasheet
19Kb / 1P
   Adapter UHF (Female) To BNC (Male)
logo
Pasternack Enterprises,...
PE91328 PASTERNACK-PE91328 Datasheet
476Kb / 5P
   UHF Male to BNC Female Adapter
PE9342 PASTERNACK-PE9342 Datasheet
233Kb / 2P
   Mini UHF Male to BNC Female Adapter
PE9421 PASTERNACK-PE9421 Datasheet
241Kb / 2P
   UHF Female to BNC Female Adapter
PE9201 PASTERNACK-PE9201 Datasheet
240Kb / 2P
   UHF Male to BNC Male Adapter
logo
Adam Technologies, Inc.
RF6-20-D-AS-50 ADAM-TECH-RF6-20-D-AS-50 Datasheet
161Kb / 1P
   UHF MALE TO BNC FEMALE
logo
Pasternack Enterprises,...
PE9107 PASTERNACK-PE9107 Datasheet
75Kb / 2P
   BNC MALE TO UHF FEMALE
PE9269 PASTERNACK-PE9269 Datasheet
245Kb / 2P
   BNC Male to BNC Female Adapter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com