Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1670KV18-550BZXC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1670KV18-550BZXC
Description  144-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1670KV18-550BZXC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1670KV18-550BZXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1670KV18-550BZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1670KV18-550BZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1670KV18-550BZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1670KV18-550BZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1670KV18-550BZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1670KV18-550BZXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1670KV18-550BZXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1670KV18-550BZXC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Document Number: 001-44062 Rev. *K
Page 7 of 30
CY7C1668KV18
CY7C1670KV18
cycle. At higher frequencies, some applications require third
NOP cycle to avoid contention.
If a read occurs after a write cycle, address and data for the write
are stored in registers. The write information is stored because
the SRAM cannot perform the last word write to the array without
conflicting with the read. The data stays in this register until the
next write cycle occurs. On the first write cycle after the read(s),
the stored data from the earlier write is written into the SRAM
array. This is called a Posted write.
If a read is performed on the same address as the write, in the
previous cycle, the SRAM reads out the most current data. The
SRAM does this by bypassing the memory array and reading the
data from the registers.
Depth Expansion
Depth expansion requires replicating the LD control signal for
each bank. All other control signals can be common between
banks as appropriate.
Programmable Impedance
Connect an external resistor, RQ, between the ZQ pin on the
SRAM and VSS to enable the SRAM to adjust its output driver
impedance. The value of RQ must be 5 times the value of the
intended line impedance driven by the SRAM. The allowable
range of RQ to guarantee impedance matching with a tolerance
of ±15 percent is between 175
 and 350 , with VDDQ =1.5 V.
The output impedance is adjusted every 1024 cycles upon power
up to account for drifts in supply voltage and temperature.
Echo Clocks
Echo clocks are provided on the DDR II+ to simplify data capture
on high speed systems. Two echo clocks are generated by the
DDR II+. CQ is referenced with respect to K and CQ is
referenced with respect to K. These are free-running clocks and
are synchronized to the input clock of the DDR II+. The timing for
the echo clocks is shown in the Switching Characteristics on
page 22.
Valid Data Indicator (QVLD)
QVLD is provided on the DDR II+ to simplify data capture on high
speed systems. The QVLD is generated by the DDR II+ device
along with data output. This signal is also edge aligned with the
echo clock and follows the timing of any data pin. This signal is
asserted half a cycle before valid data arrives.
PLL
These chips use a PLL that is designed to function between
120 MHz and the specified maximum clock frequency. During
power up, when the DOFF is tied HIGH, the PLL is locked after
20
s of stable clock. The PLL can also be reset by slowing or
stopping the input clock K and K for a minimum of 30 ns.
However, it is not necessary to reset the PLL to lock to the
desired frequency. The PLL automatically locks 20
s after a
stable clock is presented. The PLL may be disabled by applying
ground to the DOFF pin. When the PLL is turned off, the device
behaves in DDR I mode (with one cycle latency and a longer
access time).
Application Example
Figure 2 shows two DDR II+ used in an application.
Figure 2. Application Example (Width Expansion)
DQ[x:0]
ALD
R/W
BWS KK
ZQ
SRAM#1
CQ/CQ
DQ[x:0]
ALD
BWS KK
ZQ
SRAM#2
CQ/CQ
DQ[2x:0]
ADDRESS
BWS
CLKIN1/CLKIN1
CLKIN2/CLKIN2
SOURCE K
SOURCE K
FPGA / ASIC
RQ
RQ
R/W
LD
R/W


Similar Part No. - CY7C1670KV18-550BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C167A CYPRESS-CY7C167A Datasheet
140Kb / 9P
   16K x 1 Static RAM
CY7C167A-15PC CYPRESS-CY7C167A-15PC Datasheet
140Kb / 9P
   16K x 1 Static RAM
CY7C167A-15VC CYPRESS-CY7C167A-15VC Datasheet
140Kb / 9P
   16K x 1 Static RAM
CY7C167A-20PC CYPRESS-CY7C167A-20PC Datasheet
140Kb / 9P
   16K x 1 Static RAM
CY7C167A-20VC CYPRESS-CY7C167A-20VC Datasheet
140Kb / 9P
   16K x 1 Static RAM
More results

Similar Description - CY7C1670KV18-550BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1648KV18 CYPRESS-CY7C1648KV18_12 Datasheet
857Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1648KV18 CYPRESS-CY7C1648KV18 Datasheet
783Kb / 29P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C2670KV18 CYPRESS-CY7C2670KV18 Datasheet
824Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C1166KV18 CYPRESS-CY7C1166KV18 Datasheet
874Kb / 29P
   18-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1146KV18 CYPRESS-CY7C1146KV18 Datasheet
885Kb / 29P
   18-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1268KV18 CYPRESS-CY7C1268KV18_12 Datasheet
871Kb / 28P
   36-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C11661KV18 CYPRESS-CY7C11661KV18 Datasheet
754Kb / 26P
   18-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1268XV18 CYPRESS-CY7C1268XV18 Datasheet
900Kb / 28P
   36-Mbit DDR II Xtreme SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
logo
Renesas Technology Corp
R1QBA4436RBG RENESAS-R1QBA4436RBG_15 Datasheet
917Kb / 30P
   144-Mbit DDR?줚I SRAM 2-word Burst Architecture (2.5 Cycle Read latency)
logo
Cypress Semiconductor
CY7C1663KV18 CYPRESS-CY7C1663KV18 Datasheet
779Kb / 31P
   144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com