Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1665KV18-550BZXC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1665KV18-550BZXC
Description  144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1665KV18-550BZXC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1665KV18-550BZXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1665KV18-550BZXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1665KV18-550BZXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1665KV18-550BZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1665KV18-550BZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1665KV18-550BZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1665KV18-550BZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1665KV18-550BZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1665KV18-550BZXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
Document Number: 001-44060 Rev. *O
Page 2 of 31
CY7C1663KV18/CY7C1665KV18
Logic Block Diagram – CY7C1663KV18
Logic Block Diagram – CY7C1665KV18
CLK
A(20:0)
Gen.
K
K
Control
Logic
Address
Register
D[17:0]
Read Data Reg.
RPS
WPS
Control
Logic
Address
Register
Reg.
Reg.
Reg.
36
21
72
18
BWS[1:0]
VREF
Write
Reg
36
A(20:0)
21
18
CQ
CQ
DOFF
Q[17:0]
QVLD
18
18
18
Write
Reg
Write
Reg
Write
Reg
18
CLK
A(19:0)
Gen.
K
K
Control
Logic
Address
Register
D[35:0]
Read Data Reg.
RPS
WPS
Control
Logic
Address
Register
Reg.
Reg.
Reg.
72
20
144
36
BWS[3:0]
VREF
Write
Reg
72
A(19:0)
20
36
CQ
CQ
DOFF
Q[35:0]
QVLD
36
36
36
Write
Reg
Write
Reg
Write
Reg
36


Similar Part No. - CY7C1665KV18-550BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C166 CYPRESS-CY7C166 Datasheet
171Kb / 9P
   16K x 4 Static RAM
CY7C166 CYPRESS-CY7C166 Datasheet
266Kb / 9P
   16K x 4 Static RAM
CY7C166-15PC CYPRESS-CY7C166-15PC Datasheet
171Kb / 9P
   16K x 4 Static RAM
CY7C166-15VC CYPRESS-CY7C166-15VC Datasheet
171Kb / 9P
   16K x 4 Static RAM
CY7C166-15VC CYPRESS-CY7C166-15VC Datasheet
266Kb / 9P
   16K x 4 Static RAM
More results

Similar Description - CY7C1665KV18-550BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1643KV18 CYPRESS-CY7C1643KV18 Datasheet
861Kb / 31P
   144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C2663KV18 CYPRESS-CY7C2663KV18 Datasheet
871Kb / 31P
   144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C15632KV18 CYPRESS-CY7C15632KV18_12 Datasheet
783Kb / 30P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1161KV18 CYPRESS-CY7C1161KV18 Datasheet
881Kb / 29P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1263KV18 CYPRESS-CY7C1263KV18_12 Datasheet
887Kb / 30P
   36-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C15632KV18 CYPRESS-CY7C15632KV18 Datasheet
760Kb / 30P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1563XV18 CYPRESS-CY7C1563XV18_12 Datasheet
1Mb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1263XV18 CYPRESS-CY7C1263XV18 Datasheet
1Mb / 30P
   36-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1563XV18 CYPRESS-CY7C1563XV18 Datasheet
1Mb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1143KV18 CYPRESS-CY7C1143KV18 Datasheet
619Kb / 29P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com