Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1460KV25-167BZC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1460KV25-167BZC
Description  36-Mbit (1M36/2M18) Pipelined SRAM with NoBL??Architecture (With ECC)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1460KV25-167BZC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1460KV25-167BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1460KV25-167BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1460KV25-167BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1460KV25-167BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1460KV25-167BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1460KV25-167BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1460KV25-167BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1460KV25-167BZC Datasheet HTML 11Page - Cypress Semiconductor CY7C1460KV25-167BZC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Document Number: 001-66679 Rev. *J
Page 8 of 32
CY7C1460KV25/CY7C1462KV25
CY7C1460KVE25/CY7C1462KVE25
Pin Definitions
Pin Name
I/O Type
Pin Description
A0, A1, A
Input-synchronous
Address inputs used to select one of the address locations. Sampled at the rising
edge of the CLK.
BWa, BWb, BWc, BWd Input-synchronous
Byte write select inputs, active LOW. Qualified with WE to conduct writes to the
SRAM. Sampled on the rising edge of CLK. BWa controls DQa and DQPa, BWb
controls DQb and DQPb, BWc controls DQc and DQPc, BWd controls DQd and DQPd
WE
Input-synchronous
Write enable input, active LOW. Sampled on the rising edge of CLK if CEN is active
LOW. This signal must be asserted LOW to initiate a write sequence.
ADV/LD
Input-synchronous
Advance/load input used to advance the on-chip address counter or load a new
address. When HIGH (and CEN is asserted LOW) the internal burst counter is
advanced. When LOW, a new address can be loaded into the device for an access.
After being deselected, ADV/LD should be driven LOW in order to load a new
address.
CLK
Input-clock
Clock input. Used to capture all synchronous inputs to the device. CLK is qualified
with CEN. CLK is only recognized if CEN is active LOW.
CE1
Input-synchronous
Chip enable 1 input, active LOW. Sampled on the rising edge of CLK. Used in
conjunction with CE2 and CE3 to select/deselect the device.
CE2
Input-synchronous
Chip enable 2 input, active HIGH. Sampled on the rising edge of CLK. Used in
conjunction with CE1 and CE3 to select/deselect the device.
CE3
Input-synchronous
Chip enable 3 input, active LOW. Sampled on the rising edge of CLK. Used in
conjunction with CE1 and CE2 to select/deselect the device.
OE
Input-asynchronous
Output enable, active LOW. Combined with the synchronous logic block inside the
device to control the direction of the I/O pins. When LOW, the I/O pins are allowed to
behave as outputs. When deasserted HIGH, I/O pins are tristated, and act as input
data pins. OE is masked during the data portion of a write sequence, during the first
clock when emerging from a deselected state and when the device has been
deselected.
CEN
Input-synchronous
Clock enable input, active LOW. When asserted LOW the clock signal is recognized
by the SRAM. When deasserted HIGH the clock signal is masked. Since deasserting
CEN does not deselect the device, CEN can be used to extend the previous cycle
when required.
DQa, DQb, DQc, DQd I/O-synchronous
Bidirectional data I/O lines. As inputs, they feed into an on-chip data register that
is triggered by the rising edge of CLK. As outputs, they deliver the data contained in
the memory location specified by AX during the previous read cycle. The direction of
the pins is controlled by OE and the internal control logic. When OE is asserted LOW,
the pins can behave as outputs. When HIGH, DQa–DQd are placed in a tristate
condition. The outputs are automatically tristated during the data portion of a write
sequence, during the first clock when emerging from a deselected state, and when
the device is deselected, regardless of the state of OE.
DQPa, DQPb, DQPc,
DQPd
I/O-synchronous
Bidirectional data parity I/O lines. Functionally, these signals are identical to
DQ[31:0]. During write sequences, DQPa is controlled by BWa, DQPb is controlled by
BWb, DQPc is controlled by BWc, and DQPd is controlled by BWd, DQPe is controlled
by BWe, DQPf is controlled by BWf, DQPg is controlled by BWg, DQPh is controlled
by BWh.
MODE
Input strap pin
Mode input. Selects the burst order of the device. Tied HIGH selects the interleaved
burst order. Pulled LOW selects the linear burst order. MODE should not change
states during operation. When left floating MODE will default HIGH, to an interleaved
burst order.
TDO
JTAG serial output
synchronous
Serial data-out to the JTAG circuit. Delivers data on the negative edge of TCK.


Similar Part No. - CY7C1460KV25-167BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1460KV33 CYPRESS-CY7C1460KV33 Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33-167AXC CYPRESS-CY7C1460KV33-167AXC Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33-167AXI CYPRESS-CY7C1460KV33-167AXI Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33-167BZC CYPRESS-CY7C1460KV33-167BZC Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33-200AXC CYPRESS-CY7C1460KV33-200AXC Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
More results

Similar Description - CY7C1460KV25-167BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1460KV33 CYPRESS-CY7C1460KV33 Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370KV33 CYPRESS-CY7C1370KV33 Datasheet
999Kb / 32P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1440KV33 CYPRESS-CY7C1440KV33 Datasheet
3Mb / 33P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined Sync SRAM (With ECC)
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1370KV25 CYPRESS-CY7C1370KV25 Datasheet
2Mb / 30P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370B CYPRESS-CY7C1370B Datasheet
759Kb / 27P
   512K 횞 36/1M 횞 18 Pipelined SRAM with NoBL Architecture
CY7C1371KV33 CYPRESS-CY7C1371KV33 Datasheet
682Kb / 24P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM with NoBL??Architecture (With ECC)
CY7C1441KV33 CYPRESS-CY7C1441KV33 Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1460BV25 CYPRESS-CY7C1460BV25 Datasheet
721Kb / 30P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com