Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1648KV18 Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # CY7C1648KV18
Description  144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1648KV18 Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button CY7C1648KV18 Datasheet HTML 18Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 19Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 20Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 21Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 22Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 23Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 24Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 25Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Document Number: 001-44061 Rev. *L
Page 22 of 29
CY7C1648KV18
CY7C1650KV18
Switching Characteristics
Over the Operating Range
Parameters [29, 30]
Description
450 MHz
400 MHz
Unit
Cypress
Parameter
Consortium
Parameter
Min
Max
Min
Max
tPOWER
VDD(typical) to the first access [31]
1
1
ms
tCYC
tKHKH
K clock cycle time
2.20
8.4
2.50
8.4
ns
tKH
tKHKL
Input clock (K/K) high
0.4
0.4
tCYC
tKL
tKLKH
Input clock (K/K) low
0.4
0.4
tCYC
tKHKH
tKHKH
K clock rise to K clock rise (rising edge to rising
edge)
0.94
1.06
ns
Setup Times
tSA
tAVKH
Address setup to K clock rise
0.275
0.4
ns
tSC
tIVKH
Control setup to K clock rise (LD, R/W)
0.275
0.4
ns
tSCDDR
tIVKH
Double data rate control setup to clock (K/K) rise
(BWS0, BWS1, BWS2, BWS3)
0.22
0.28
ns
tSD
tDVKH
D[X:0] setup to clock (K/K) rise
0.22
0.28
ns
Hold Times
tHA
tKHAX
Address hold after K clock rise
0.275
0.4
ns
tHC
tKHIX
Control hold after K clock rise (LD, R/W)
0.275
0.4
ns
tHCDDR
tKHIX
Double data rate control hold after clock (K/K)
rise (BWS0, BWS1, BWS2, BWS3)
0.22
0.28
ns
tHD
tKHDX
D[X:0] hold after clock (K/K) rise
0.22
0.28
ns
Output Times
tCO
tCHQV
K/K clock rise to data valid
0.45
0.45
ns
tDOH
tCHQX
Data output hold after output K/K clock rise
(active to active)
–0.45
–0.45
ns
tCCQO
tCHCQV
K/K clock rise to echo clock valid
0.45
0.45
ns
tCQOH
tCHCQX
Echo clock hold after K/K clock rise
–0.45
–0.45
ns
tCQD
tCQHQV
Echo clock high to data valid
0.15
0.20
ns
tCQDOH
tCQHQX
Echo clock high to data invalid
–0.15
–0.20
ns
tCQH
tCQHCQL
Output clock (CQ/CQ) high [32]
0.85
1.00
ns
tCQHCQH
tCQHCQH
CQ clock rise to CQ clock rise (rising edge to
rising edge) [32]
0.85
1.00
ns
tCHZ
tCHQZ
Clock (K/K) rise to high Z (active to high Z) [33, 34]
0.45
0.45
ns
tCLZ
tCHQX1
Clock (K/K) rise to low Z [33, 34]
–0.45
–0.45
ns
tQVLD
tCQHQVLD
Echo clock high to QVLD valid [35]
–0.15
0.15
–0.20
0.20
ns
PLL Timing
tKC Var
tKC Var
Clock phase jitter
0.15
0.20
ns
tKC lock
tKC lock
PLL lock time (K)
20
20
s
tKC Reset
tKC Reset
K static to PLL reset [36]
30
30
ns
Notes
29. Unless otherwise noted, test conditions assume signal transition time of 2 V/ns, timing reference levels of 0.75 V, VREF = 0.75 V, RQ = 250 , VDDQ = 1.5 V, input pulse
levels of 0.25 V to 1.25 V, and output loading of the specified IOL/IOH and load capacitance shown in (a) of Figure 5 on page 21.
30. When a part with a maximum frequency above 333 MHz is operating at a lower clock frequency, it requires the input timings of the frequency range in which it is being
operated and outputs data with the output timings of that frequency range.
31. This part has an internal voltage regulator; tPOWER is the time that the power is supplied above VDD min initially before a read or write operation can be initiated.
32. These parameters are extrapolated from the input timing parameters (tCYC/2 – 250 ps, where 250 ps is the internal jitter). These parameters are only guaranteed by
design and are not tested in production.
33. tCHZ, tCLZ are specified with a load capacitance of 5 pF as in (b) of Figure 5 on page 21. Transition is measured 100 mV from steady-state voltage.
34. At any voltage and temperature tCHZ is less than tCLZ and tCHZ less than tCO.
35. tQVLD specification is applicable for both rising and falling edges of QVLD signal.
36. Hold to >VIH or <VIL.


Similar Part No. - CY7C1648KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1648KV18-400BZXC CYPRESS-CY7C1648KV18-400BZXC Datasheet
857Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1648KV18 CYPRESS-CY7C1648KV18_12 Datasheet
857Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
More results

Similar Description - CY7C1648KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1648KV18 CYPRESS-CY7C1648KV18_12 Datasheet
857Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1668KV18 CYPRESS-CY7C1668KV18 Datasheet
771Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1548KV18 CYPRESS-CY7C1548KV18_12 Datasheet
844Kb / 29P
   72-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C2670KV18 CYPRESS-CY7C2670KV18 Datasheet
824Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
logo
Renesas Technology Corp
R1QHA4436RBG RENESAS-R1QHA4436RBG_15 Datasheet
916Kb / 30P
   144-Mbit DDR?줚I SRAM 2-word Burst Architecture (2.0 Cycle Read latency)
logo
Cypress Semiconductor
CY7C2644KV18 CYPRESS-CY7C2644KV18 Datasheet
840Kb / 30P
   144-Mbit QDR짰 II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency) with ODT
CY7C1643KV18 CYPRESS-CY7C1643KV18 Datasheet
861Kb / 31P
   144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C2642KV18 CYPRESS-CY7C2642KV18 Datasheet
885Kb / 30P
   144-Mbit QDR짰 II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency) with ODT
CY7C1166KV18 CYPRESS-CY7C1166KV18 Datasheet
874Kb / 29P
   18-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1546KV18 CYPRESS-CY7C1546KV18 Datasheet
959Kb / 31P
   72-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com