Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1460KV33-167AXI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1460KV33-167AXI
Description  36-Mbit (1M36/2M18) Pipelined SRAM with NoBL??Architecture (With ECC)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1460KV33-167AXI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1460KV33-167AXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1460KV33-167AXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1460KV33-167AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1460KV33-167AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1460KV33-167AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1460KV33-167AXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1460KV33-167AXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1460KV33-167AXI Datasheet HTML 11Page - Cypress Semiconductor CY7C1460KV33-167AXI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Document Number: 001-66680 Rev. *L
Page 8 of 31
CY7C1460KV33
CY7C1460KVE33
CY7C1462KVE33
Functional Overview
The
CY7C1460KV33/CY7C1460KVE33/CY7C1462KVE33
devices are synchronous-pipelined burst NoBL SRAMs designed
specifically to eliminate wait states during write/read transitions.
All synchronous inputs pass through input registers controlled by
the rising edge of the clock. The clock signal is qualified with the
clock enable input signal (CEN). If CEN is HIGH, the clock signal
is not recognized and all internal states are maintained. All
synchronous operations are qualified with CEN. All data outputs
pass through output registers controlled by the rising edge of the
clock. Maximum access delay from the clock rise (tCO) is 2.5 ns
(250-MHz device).
Accesses can be initiated by asserting all three chip enables
(CE1, CE2, and CE3) active at the rising edge of the clock. If clock
enable (CEN) is active LOW and ADV/LD is asserted LOW, the
address presented to the device is latched. The access can
either be a read or write operation, depending on the status of
the write enable (WE). BW[x] can be used to conduct byte write
operations.
Write operations are qualified by the write enable (WE). All writes
are simplified with on-chip synchronous self timed write circuitry.
Three synchronous chip enables (CE1, CE2, and CE3) and an
asynchronous output enable (OE) simplify depth expansion. All
operations (reads, writes, and deselects) are pipelined. ADV/LD
should be driven LOW after the device has been deselected to
load a new address for the next operation.
Single Read Accesses
A read access is initiated when the following conditions are
satisfied at clock rise:
CEN is asserted LOW
CE1, CE2, and CE3 are all asserted active
The write enable input signal WE is deasserted HIGH
ADV/LD is asserted LOW
The address presented to the address inputs is latched into the
address register and presented to the memory core and control
logic. The control logic determines that a read access is in
progress and allows the requested data to propagate to the input
of the output register. At the rising edge of the next clock, the
requested data is allowed to propagate through the output
register and on to the data bus within 2.5 ns (250-MHz device)
provided OE is active LOW. After the first clock of the read
access, the output buffers are controlled by OE and the internal
control logic. OE must be driven LOW for the device to drive out
the requested data. During the second clock, a subsequent
operation (read/write/deselect) can be initiated. Deselecting the
device is also pipelined. Therefore, when the SRAM is
deselected at clock rise by one of the chip enable signals, its
output tristates following the next clock rise.
Burst Read Accesses
The CY7C1460KV33/CY7C1460KVE33/CY7C1462KVE33 have
an on-chip burst counter that enables the user the ability to
supply a single address and conduct up to four reads without
reasserting the address inputs. ADV/LD must be driven LOW to
load a new address into the SRAM, as described in the Single
Read Accesses section earlier. The sequence of the burst
counter is determined by the MODE input signal. A LOW input
on MODE selects a linear burst mode, a HIGH selects an
interleaved burst sequence. Both burst counters use A0 and A1
in the burst sequence, and wrap around when incremented
sufficiently. A HIGH input on ADV/LD increments the internal
burst counter regardless of the state of chip enables inputs or
WE. WE is latched at the beginning of a burst cycle. Therefore,
the type of access (read or write) is maintained throughout the
burst sequence.
VDD
Power supply
Power supply inputs to the core of the device.
VDDQ
I/O power supply
Power supply for the I/O circuitry.
VSS
Ground
Ground for the device. Should be connected to ground of the system.
NC
N/A
No connects. This pin is not connected to the die.
NC/72M
N/A
Not connected to the die. Can be tied to any voltage level.
NC/144M
N/A
Not connected to the die. Can be tied to any voltage level.
NC/288M
N/A
Not connected to the die. Can be tied to any voltage level.
NC/576M
N/A
Not connected to the die. Can be tied to any voltage level.
NC/1G
N/A
Not connected to the die. Can be tied to any voltage level.
ZZ
Input-asynchronous ZZ “sleep” input. This active HIGH input places the device in a non-time critical “sleep”
condition with data integrity preserved. During normal operation, this pin can be connected to
VSS or left floating. ZZ pin has an internal pull-down.
Pin Definitions (continued)
Pin Name
I/O Type
Pin Description


Similar Part No. - CY7C1460KV33-167AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1460KV25 CYPRESS-CY7C1460KV25 Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV25-167AXC CYPRESS-CY7C1460KV25-167AXC Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV25-167BZC CYPRESS-CY7C1460KV25-167BZC Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV25-167BZXI CYPRESS-CY7C1460KV25-167BZXI Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV25-200BZI CYPRESS-CY7C1460KV25-200BZI Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
More results

Similar Description - CY7C1460KV33-167AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1460KV25 CYPRESS-CY7C1460KV25 Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370KV33 CYPRESS-CY7C1370KV33 Datasheet
999Kb / 32P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1440KV33 CYPRESS-CY7C1440KV33 Datasheet
3Mb / 33P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined Sync SRAM (With ECC)
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1370KV25 CYPRESS-CY7C1370KV25 Datasheet
2Mb / 30P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370B CYPRESS-CY7C1370B Datasheet
759Kb / 27P
   512K 횞 36/1M 횞 18 Pipelined SRAM with NoBL Architecture
CY7C1371KV33 CYPRESS-CY7C1371KV33 Datasheet
682Kb / 24P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM with NoBL??Architecture (With ECC)
CY7C1441KV33 CYPRESS-CY7C1441KV33 Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1460BV25 CYPRESS-CY7C1460BV25 Datasheet
721Kb / 30P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com