Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1441KVE33-133AXC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1441KVE33-133AXC
Description  36-Mbit (1M36/2M18) Flow-Through SRAM (With ECC)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1441KVE33-133AXC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1441KVE33-133AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1441KVE33-133AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1441KVE33-133AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1441KVE33-133AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1441KVE33-133AXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1441KVE33-133AXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1441KVE33-133AXC Datasheet HTML 12Page - Cypress Semiconductor CY7C1441KVE33-133AXC Datasheet HTML 13Page - Cypress Semiconductor CY7C1441KVE33-133AXC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
CY7C1441KV33
CY7C1443KV33
CY7C1441KVE33
Document Number: 001-66677 Rev. *I
Page 10 of 32
Truth Table
The truth table for CY7C1441KV33/CY7C1443KV33/CY7C1441KVE33 is as follows. [1, 2, 3, 4, 5]
Cycle Description
Address Used CE1 CE2 CE3 ZZ ADSP ADSC ADV WRITE OE CLK
DQ
Deselected Cycle, Power down
None
H
X
X
L
X
L
X
X
X
L–H
Tristate
Deselected Cycle, Power down
None
L
L
X
L
L
X
X
X
X
L–H
Tristate
Deselected Cycle, Power down
None
L
X
H
L
L
X
X
X
X
L–H
Tristate
Deselected Cycle, Power down
None
L
L
X
L
H
L
X
X
X
L–H
Tristate
Deselected Cycle, Power down
None
X
X
H
L
H
L
X
X
X
L–H
Tristate
Sleep Mode, Power down
None
X
X
X
H
X
X
X
X
X
X
Tristate
Read Cycle, Begin Burst
External
L
H
L
L
L
X
X
X
L
L–H
Q
Read Cycle, Begin Burst
External
L
H
L
L
L
X
X
X
H
L–H
Tristate
Write Cycle, Begin Burst
External
L
H
L
L
H
L
X
L
X
L–H
D
Read Cycle, Begin Burst
External
L
H
L
L
H
L
X
H
L
L–H
Q
Read Cycle, Begin Burst
External
L
H
L
L
H
L
X
H
H
L–H
Tristate
Read Cycle, Continue Burst
Next
X
X
X
L
H
H
L
H
L
L–H
Q
Read Cycle, Continue Burst
Next
X
X
X
L
H
H
L
H
H
L–H
Tristate
Read Cycle, Continue Burst
Next
H
X
X
L
X
H
L
H
L
L–H
Q
Read Cycle, Continue Burst
Next
H
X
X
L
X
H
L
H
H
L–H
Tristate
Write Cycle, Continue Burst
Next
X
X
X
L
H
H
L
L
X
L–H
D
Write Cycle, Continue Burst
Next
H
X
X
L
X
H
L
L
X
L–H
D
Read Cycle, Suspend Burst
Current
X
X
X
L
H
H
H
H
L
L–H
Q
Read Cycle, Suspend Burst
Current
X
X
X
L
H
H
H
H
H
L–H
Tristate
Read Cycle, Suspend Burst
Current
H
X
X
L
X
H
H
H
L
L–H
Q
Read Cycle, Suspend Burst
Current
H
X
X
L
X
H
H
H
H
L–H
Tristate
Write Cycle, Suspend Burst
Current
X
X
X
L
H
H
H
L
X
L–H
D
Write Cycle, Suspend Burst
Current
H
X
X
L
X
H
H
L
X
L–H
D
Notes
1. X = “Don't Care.” H = Logic HIGH, L = Logic LOW.
2. WRITE = L when any one or more Byte Write enable signals and BWE = L or GW = L. WRITE = H when all Byte write enable signals, BWE, GW = H.
3. The DQ pins are controlled by the current cycle and the OE signal. OE is asynchronous and is not sampled with the clock.
4. The SRAM always initiates a read cycle when ADSP is asserted, regardless of the state of GW, BWE, or BWX. Writes may occur only on subsequent clocks after
the ADSP or with the assertion of ADSC. As a result, OE must be driven HIGH prior to the start of the write cycle to allow the outputs to tristate. OE is a don't care
for the remainder of the write cycle.
5. OE is asynchronous and is not sampled with the clock rise. It is masked internally during write cycles. During a read cycle all data bits are tristate when OE is inactive
or when the device is deselected, and all data bits behave as output when OE is active (LOW).


Similar Part No. - CY7C1441KVE33-133AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1441KV25 CYPRESS-CY7C1441KV25 Datasheet
856Kb / 29P
   36-Mbit (1M 횞 36) Flow-Through SRAM
More results

Similar Description - CY7C1441KVE33-133AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1381KV33 CYPRESS-CY7C1381KV33 Datasheet
1Mb / 34P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM (With ECC)
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1440KV33 CYPRESS-CY7C1440KV33 Datasheet
3Mb / 33P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined Sync SRAM (With ECC)
CY7C1441KV25 CYPRESS-CY7C1441KV25 Datasheet
856Kb / 29P
   36-Mbit (1M 횞 36) Flow-Through SRAM
CY7C1460KV25 CYPRESS-CY7C1460KV25 Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33 CYPRESS-CY7C1460KV33 Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1371KV33 CYPRESS-CY7C1371KV33 Datasheet
682Kb / 24P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM with NoBL??Architecture (With ECC)
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1444KV33 CYPRESS-CY7C1444KV33 Datasheet
1Mb / 22P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined DCD Sync SRAM
CY7C1370KV33 CYPRESS-CY7C1370KV33 Datasheet
999Kb / 32P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com