Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1462KV25 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1462KV25
Description  36-Mbit (1M36/2M18) Pipelined SRAM with NoBL??Architecture (With ECC)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1462KV25 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1462KV25 Datasheet HTML 1Page - Cypress Semiconductor CY7C1462KV25 Datasheet HTML 2Page - Cypress Semiconductor CY7C1462KV25 Datasheet HTML 3Page - Cypress Semiconductor CY7C1462KV25 Datasheet HTML 4Page - Cypress Semiconductor CY7C1462KV25 Datasheet HTML 5Page - Cypress Semiconductor CY7C1462KV25 Datasheet HTML 6Page - Cypress Semiconductor CY7C1462KV25 Datasheet HTML 7Page - Cypress Semiconductor CY7C1462KV25 Datasheet HTML 8Page - Cypress Semiconductor CY7C1462KV25 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
36-Mbit (1M × 36/2M × 18)
Pipelined SRAM
with NoBL™ Architecture (With ECC)
CY7C1460KV25/CY7C1462KV25
CY7C1460KVE25/CY7C1462KVE25
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-66679 Rev. *J
Revised February 7, 2018
36-Mbit (1M × 36/2M × 18) Pipelined SRAM with NoBL™ Architecture (With ECC)
Features
Pin-compatible and functionally equivalent to ZBT™
Supports 250 MHz bus operations with zero wait states
Available speed grades are 250 MHz, 200 MHz, and 167 MHz
Internally self-timed output buffer control to eliminate the need
to use asynchronous OE
Fully registered (inputs and outputs) for pipelined operation
Byte Write capability
2.5 V core power supply
2.5 V I/O power supply
Fast clock-to-output times
2.5 ns (for 250 MHz device)
Clock enable (CEN) pin to suspend operation
Synchronous self-timed writes
CY7C1460KV25, CY7C1462KV25, CY7C1460KVE25 and
CY7C1462KVE25 available in JEDEC-standard Pb-free
100-pin TQFP, and Pb-free and non Pb-free 165-ball FBGA
packages.
IEEE 1149.1 JTAG-Compatible Boundary Scan
Burst capability — linear or interleaved burst order
“ZZ” sleep mode option
On-chip error correction code (ECC) to reduce soft error rate
(SER)
Functional Description
The CY7C1460KV25/CY7C1462KV25/CY7C1460KVE25/
CY7C1462KVE25 are 2.5 V, 1M × 36/2M × 18 synchronous
pipelined burst SRAMs with No Bus Latency™ (NoBL™) logic,
respectively. They are designed to support unlimited true
back-to-back read/write operations with no wait states. The
CY7C1460KV25/CY7C1462KV25/CY7C1460KVE25/
CY7C1462KVE25 are equipped with the advanced NoBL logic
required to enable consecutive read/write operations with data
being transferred on every clock cycle. This feature dramatically
improves the throughput of data in systems that require frequent
write/read transitions. The CY7C1460KV25/CY7C1462KV25/
CY7C1460KVE25/CY7C1462KVE25 are pin-compatible and
functionally equivalent to ZBT devices.
All synchronous inputs pass through input registers controlled by
the rising edge of the clock. All data outputs pass through output
registers controlled by the rising edge of the clock. The clock
input is qualified by the clock enable (CEN) signal, which when
deasserted suspends operation and extends the previous clock
cycle. Write operations are controlled by the byte write selects
BWa–BWd
for
CY7C1460KV25/CY7C1460KVE25
and
BWa–BWb for CY7C1462KV25/CY7C1462KVE25 and a write
enable (WE) input. All writes are conducted with on-chip
synchronous self-timed write circuitry.
Three synchronous chip enables (CE1, CE2, CE3) and an
asynchronous output enable (OE) provide for easy bank
selection and output three-state control. In order to avoid bus
contention, the output drivers are synchronously three-stated
during the data portion of a write sequence.
Selection Guide
Description
250 MHz
200 MHz
167 MHz
Unit
Maximum access time
2.5
3.2
3.4
ns
Maximum operating current
× 18
220
190
170
mA
× 36
240
210
190


Similar Part No. - CY7C1462KV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1462KVE33 CYPRESS-CY7C1462KVE33 Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1462KVE33-167AXC CYPRESS-CY7C1462KVE33-167AXC Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
More results

Similar Description - CY7C1462KV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1460KV33 CYPRESS-CY7C1460KV33 Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370KV33 CYPRESS-CY7C1370KV33 Datasheet
999Kb / 32P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1440KV33 CYPRESS-CY7C1440KV33 Datasheet
3Mb / 33P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined Sync SRAM (With ECC)
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1370KV25 CYPRESS-CY7C1370KV25 Datasheet
2Mb / 30P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370B CYPRESS-CY7C1370B Datasheet
759Kb / 27P
   512K 횞 36/1M 횞 18 Pipelined SRAM with NoBL Architecture
CY7C1371KV33 CYPRESS-CY7C1371KV33 Datasheet
682Kb / 24P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM with NoBL??Architecture (With ECC)
CY7C1441KV33 CYPRESS-CY7C1441KV33 Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1460BV25 CYPRESS-CY7C1460BV25 Datasheet
721Kb / 30P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com