Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CY7C1460KV33 Datasheet(PDF) 22 Page - Cypress Semiconductor

Part No. CY7C1460KV33
Description  36-Mbit (1M × 36/2M × 18) Pipelined SRAM with NoBL™ Architecture (With ECC)
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

CY7C1460KV33 Datasheet(HTML) 22 Page - Cypress Semiconductor

Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Document Number: 001-66680 Rev. *L
Page 22 of 31
CY7C1460KV33
CY7C1460KVE33
CY7C1462KVE33
Capacitance
Parameter [19]
Description
Test Conditions
100-pin TQFP
Max
165-ball FBGA
Max
Unit
CIN
Input capacitance
TA = 25 C, f = 1 MHz,
VDD = 3.3 V, VDDQ = 2.5 V
55
pF
CCLK
Clock input capacitance
5
5
pF
CI/O
Input/output capacitance
5
5
pF
Thermal Resistance
Parameter [19]
Description
Test Conditions
100-pin TQFP
Package
165-ball FBGA
Package
Unit
JA
Thermal resistance
(junction to ambient)
Test
conditions
follow standard test
methods
and
procedures
for
measuring thermal
impedance,
per
EIA/JESD51.
With Still Air (0 m/s)
35.36
14.24
°C/W
With Air Flow (1 m/s)
31.30
12.47
°C/W
With Air Flow (3 m/s)
28.86
11.40
°C/W
JC
Thermal resistance
(junction to case)
–7.52
3.92
°C/W
JB
Thermal resistance
(junction to board)
28.89
7.19
°C/W
AC Test Loads and Waveforms
Figure 3. AC Test Loads and Waveforms
OUTPUT
R = 317
R = 351
5pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
RL = 50 
Z0 = 50 
VT= 1.5 V
3.3 V
ALL INPUT PULSES
VDDQ
GND
90%
10%
90%
10%
2 V/ns
 1 ns
(c)
3.3 V I/O Test Load
OUTPUT
R = 1667
R =1538
5pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
RL = 50 
Z0 = 50 
VT = 1.25 V
2.5 V
ALL INPUT PULSES
VDDQ
GND
90%
10%
90%
10%
2 V/ns
 1 ns
(c)
2.5 V I/O Test Load
Note
19. Tested initially and after any design or process changes that may affect these parameters.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn