Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ITA-1611 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part No. ITA-1611
Description  Intel Celeron J1900 System
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADVANTECH [Advantech Co., Ltd.]
Homepage  http://www.advantech.com
Logo 

ITA-1611 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Intelligent Transportation Platforms
Features
ITA-1611
Intel® Celeron™ J1900 System with Dual
Gigabit Ethernet LAN and Dual Displays
ƒ Intel® Celeron™ J1900 quad-core processor, 2.0 GHz
ƒ Fanless, compact system design
ƒ 4 GB of DDR3 memory onboard with optional NVRAM
ƒ 2 x LAN, 6 x USB, 6 x COM, and 1 x USB 3.0 ports
ƒ Replaceable secondary display (VGA 2/DVI-D/LVDS)
ƒ Supports dual outputs of full HD resolution video
System Specifications
Processor System
CPU
Intel® Celeron™ J1900
Max Speed
2.0 GHz
L2 Cache
2 MB
Core Quantity
4
BIOS
AMI® SPI 64 Mb
Memory
Technology
Dual-channel DDR3 1333
Capacity
Onboard 4 GB (up to 8 GB with SODIMM)
Graphics
Chipset
Embedded Gen 4+ GFX Core
VRAM
Shared system memory up to 256 MB SDRAM
Dual Display
2 x VGA/VGA + DVI-D/VGA + LVDS
Single channel maximum: 1920 x 1080 @ 60 Hz
Dual channel maximum: 1920 x 1080 @ 60 Hz
LVDS (optional)
Supports 18/24-bit dual channel, up to 1920 x 1080 @ 60 Hz
Ethernet
Interface
10/100/1000 Mbps
Controller
2 x Intel® I211
Connector
2 x RJ-45
Storage
NVRAM
1 Mb FRAM (optional)
Internal
1 x mSATA socket
External
Supports 1 x 2.5" HDD/SSD (optional)
I/O Interface
Main Display
VGA 1
Secondary Display
VGA 2/DVI-D/LVDS
LAN
2
USB
6 (5 x USB 2.0, 1 x USB 3.0)
COM
2 x RS 232/422/485 ports with automatic flow control
(up to 6 ports, supports 4 additional optional RS-232 serial ports)
Digital I/O
1 x 8-channel GPIO
Audio
1 x Speaker out with 2 x 4W amplifier, 1 x mic in
PS/2 (front panel)
1
Reserved Area (front panel)
1 (1 x LPT port as default; 2 x VGA with PCA-5650 optional)
Expansion Slots
Mini PCIe
1
Power
Input Voltage
9 ~ 36 V DC
Watchdog Timer
Output
System reset
Interval
Programmable 1~255 sec/min
Environment
Operating (w/o HDD)
Operating (with HDD)
Non-Operating
Temperature
-25 ~ 60 °C
0 ~ 40 °C
-40 ~ 85 °C
Physical Characteristics
Dimensions (W x H x D)
200 x 70 x 190 mm
®
UL
All product specifications are subject to change without notice.
Last updated: 15-Nov-2016


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn