Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LETQ9WN Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LETQ9WN
Description  OSRAM OSTAR Projection Compact
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LETQ9WN Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LETQ9WN Datasheet HTML 5Page - OSRAM GmbH LETQ9WN Datasheet HTML 6Page - OSRAM GmbH LETQ9WN Datasheet HTML 7Page - OSRAM GmbH LETQ9WN Datasheet HTML 8Page - OSRAM GmbH LETQ9WN Datasheet HTML 9Page - OSRAM GmbH LETQ9WN Datasheet HTML 10Page - OSRAM GmbH LETQ9WN Datasheet HTML 11Page - OSRAM GmbH LETQ9WN Datasheet HTML 12Page - OSRAM GmbH LETQ9WN Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Discontinued
LE T Q9WN
2017-09-15
9
Forward Current 5) page 21 , 6) page 21
Durchlassstrom 5) Seite 21 , 6) Seite 21
IF = f (VF); TJ = 25 °C
Relative Luminous Flux 5) page 21 , 6) page 21
Relativer Lichtstrom 5) Seite 21 , 6) Seite 21
ΦVV(700 mA) = f(IF); TJ = 25 °C
Dominant Wavelength 5) page 21
Dominante Wellenlänge 5) Seite 21
Δλdom = f(IF); TJ = 25 °C
LE T Q9WN
2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2
VF [V]
200
400
600
800
1000
1200
1400
IF [A]
23IB110015007
200 400 600 800 1000 1200 1400
IF [A]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Φv
Φv(700 mA)
23IDL10015007
200 400 600 800 1000 1200 1400
IF [A]
-10
-5
0
5
10
∆λ[nm]


Similar Part No. - LETQ9WN

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LETQ9WN-KZLZ-25 OSRAM-LETQ9WN-KZLZ-25 Datasheet
710Kb / 21P
   compact lightsource in SMT technology with glass window on top
More results

Similar Description - LETQ9WN

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEAQ8WP OSRAM-LEAQ8WP Datasheet
811Kb / 23P
   OSRAM OSTAR Projection Compact
LEAQ9WM OSRAM-LEAQ9WM Datasheet
734Kb / 22P
   OSRAM OSTAR Projection Compact
LETQ9WM OSRAM-LETQ9WM Datasheet
780Kb / 23P
   OSRAM OSTAR Projection Compact
KRCSLNM1.23 OSRAM-KRCSLNM1.23 Datasheet
762Kb / 24P
   OSRAM OSTAR Projection Compact
LEBAQ6WM OSRAM-LEBAQ6WM Datasheet
714Kb / 18P
   OSRAM OSTAR Projection Compact
LECGQ8WP OSRAM-LECGQ8WP Datasheet
1Mb / 25P
   OSRAM OSTAR Projection Compact
LEAQ9WN OSRAM-LEAQ9WN_17 Datasheet
722Kb / 22P
   OSRAM OSTAR Projection Compact
LERQ8WP OSRAM-LERQ8WP Datasheet
860Kb / 23P
   OSRAM OSTAR Projection Compact
LETQ8WP OSRAM-LETQ8WP Datasheet
839Kb / 23P
   OSRAM OSTAR Projection Compact
LECGP3W OSRAM-LECGP3W Datasheet
1Mb / 25P
   OSRAM OSTAR Projection Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com