Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAMB-1 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LAMB-1
Description  OSRAM OSTAR Stage
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LAMB-1 Datasheet(HTML) 1 Page - OSRAM GmbH

  LAMB-1 Datasheet HTML 1Page - OSRAM GmbH LAMB-1 Datasheet HTML 2Page - OSRAM GmbH LAMB-1 Datasheet HTML 3Page - OSRAM GmbH LAMB-1 Datasheet HTML 4Page - OSRAM GmbH LAMB-1 Datasheet HTML 5Page - OSRAM GmbH LAMB-1 Datasheet HTML 6Page - OSRAM GmbH LAMB-1 Datasheet HTML 7Page - OSRAM GmbH LAMB-1 Datasheet HTML 8Page - OSRAM GmbH LAMB-1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LE RTDUW S2WP
OSRAM OSTAR Stage
Datasheet
Version 1.1
2018-01-03
1
Compact lightsource in SMT technology, glass
window on top, RoHS compliant
Features
• Package: compact lightsource in SMT
technology with glass window on top
• Technology: ThinGaN (UX:3); InGaAlP
• Color: red (625 nm); true green (530 nm);
deep blue (453 nm); white (x = 0.32, y = 0.33
acc. to CIE 1931)
• ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-F
• Viewing angle at 50% I
V: 120° (R; T; D) /
130° (UW)
Applications
• Stage lighting
• Mood lighting
• Architectural lighting (effect- and accent
lighting)
Kompakte Lichtquelle in SMT Technologie,
Abdeckung mit Glasfenster, RoHS konform
Besondere Merkmale
• Gehäusetyp: Kompakte Lichtquelle in SMT
Technologie mit Glasabdeckung
• Technologie: ThinGaN (UX:3); InGaAlP
• Farbe: red (625 nm); true green (530 nm);
deep blue (453 nm); weiß (x = 0.32, y = 0.33
nach CIE 1931)
• ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-F
• Abstrahlwinkel bei 50% I
V: 120° (R; T; D) /
130° (UW)
Anwendungen
• Bühnenbeleuchtung
• Stimmungslicht
• Gebäudebeleuchtung (Effekt- und
Akzentbeleuchtung


Similar Part No. - LAMB-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LAM-1025 ETC2-LAM-1025 Datasheet
29Kb / 1P
   Axial Molded Inductor
logo
Caliber Electronics Inc...
LAM-1025 CALIBER-LAM-1025 Datasheet
30Kb / 1P
   Axial Molded Inductor
logo
List of Unclassifed Man...
LAM-1025-100J-B ETC2-LAM-1025-100J-B Datasheet
29Kb / 1P
   Axial Molded Inductor
logo
Caliber Electronics Inc...
LAM-1025-100J-B CALIBER-LAM-1025-100J-B Datasheet
30Kb / 1P
   Axial Molded Inductor
logo
List of Unclassifed Man...
LAM-1025-100J-F ETC2-LAM-1025-100J-F Datasheet
29Kb / 1P
   Axial Molded Inductor
More results

Similar Description - LAMB-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LERTDUWS2W OSRAM-LERTDUWS2W Datasheet
983Kb / 23P
   OSRAM OSTAR Stage
LERTDCYS2WN OSRAM-LERTDCYS2WN_18 Datasheet
2Mb / 25P
   OSRAM OSTAR Stage
LERTDUWS2WN OSRAM-LERTDUWS2WN_18 Datasheet
1Mb / 25P
   OSRAM OSTAR Stage
LEACWUWVS2W OSRAM-LEACWUWVS2W Datasheet
1Mb / 23P
   OSRAM OSTAR Medical
SFH4761 OSRAM-SFH4761 Datasheet
220Kb / 10P
   OSRAM OSTAR Observation (850nm)
LETQ9WM OSRAM-LETQ9WM Datasheet
780Kb / 23P
   OSRAM OSTAR Projection Compact
KRCSLNM1.23 OSRAM-KRCSLNM1.23 Datasheet
762Kb / 24P
   OSRAM OSTAR Projection Compact
SFH4730 OSRAM-SFH4730_12 Datasheet
181Kb / 8P
   OSRAM OSTAR Observation (850nm)
LEBAQ6WM OSRAM-LEBAQ6WM Datasheet
714Kb / 18P
   OSRAM OSTAR Projection Compact
LECGQ8WP OSRAM-LECGQ8WP Datasheet
1Mb / 25P
   OSRAM OSTAR Projection Compact
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com