Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBLA-1 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # KBLA-1
Description  OSRAM OSTAR Stage
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KBLA-1 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button KBLA-1 Datasheet HTML 7Page - OSRAM GmbH KBLA-1 Datasheet HTML 8Page - OSRAM GmbH KBLA-1 Datasheet HTML 9Page - OSRAM GmbH KBLA-1 Datasheet HTML 10Page - OSRAM GmbH KBLA-1 Datasheet HTML 11Page - OSRAM GmbH KBLA-1 Datasheet HTML 12Page - OSRAM GmbH KBLA-1 Datasheet HTML 13Page - OSRAM GmbH KBLA-1 Datasheet HTML 14Page - OSRAM GmbH KBLA-1 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Version 1.1
LE RTDCY S2WN
2018-01-03
11
Relativer Lichtstrom
1) 2) 5) Seite 25
Relative Luminous Flux
1) 2) 5) page 25
Φ
VV(1000 mA); TJ = 25 °C; red
Relative Strahlleistung
1) 2) 5) Seite 25
Relative Radiant Power
1) 2) 5) page 25
Φ
EE(1000 mA); TJ = 25 °C; deep blue
Relativer Lichtstrom
1) 2) 5) Seite 25
Relative Luminous Flux
1) 2) 5) page 25
Φ
VV(1000 mA); TJ = 25 °C; true green
Relativer Lichtstrom
1) 2) 5) Seite 25
Relative Luminous Flux
1) 2) 5) page 25
Φ
VV(1000 mA); TJ = 25 °C; converted yellow
LE RTDCY S2WN
40
50
0
10
00
15
00
20
00
25
00
IF [mA]
0,0
0,5
1,0
1,5
2,0
2,5
Φ
V
Φ
V(1000mA)
: red
LE RTDCY S2WN
40
50
0
10
00
15
00
20
00
25
00
30
00
IF [mA]
0,0
0,5
1,0
1,5
2,0
2,5
ΦE
ΦE(1000mA)
: deep blue
LE RTDCY S2WN
IF [mA]
0,0
0,5
1,0
1,5
2,0
ΦV
ΦV(1000mA)
: true green
LE RTDCY S2WN
40
50
0
10
00
15
00
20
00
25
00
30
00
IF [mA]
0,0
0,5
1,0
1,5
2,0
ΦV
ΦV(1000mA)
: yellow


Similar Part No. - KBLA-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KBLA-1 OSRAM-KBLA-1 Datasheet
1Mb / 25P
   Architectural lighting
KBLA-1 OSRAM-KBLA-1 Datasheet
1Mb / 25P
   OSRAM OSTAR Stage
More results

Similar Description - KBLA-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LERTDUWS2W OSRAM-LERTDUWS2W Datasheet
983Kb / 23P
   OSRAM OSTAR Stage
LERTDUWS2WP OSRAM-LERTDUWS2WP Datasheet
1Mb / 24P
   OSRAM OSTAR Stage
LERTDUWS2WN OSRAM-LERTDUWS2WN_18 Datasheet
1Mb / 25P
   OSRAM OSTAR Stage
LEACWUWVS2W OSRAM-LEACWUWVS2W Datasheet
1Mb / 23P
   OSRAM OSTAR Medical
SFH4761 OSRAM-SFH4761 Datasheet
220Kb / 10P
   OSRAM OSTAR Observation (850nm)
LETQ9WM OSRAM-LETQ9WM Datasheet
780Kb / 23P
   OSRAM OSTAR Projection Compact
KRCSLNM1.23 OSRAM-KRCSLNM1.23 Datasheet
762Kb / 24P
   OSRAM OSTAR Projection Compact
SFH4730 OSRAM-SFH4730_12 Datasheet
181Kb / 8P
   OSRAM OSTAR Observation (850nm)
LEBAQ6WM OSRAM-LEBAQ6WM Datasheet
714Kb / 18P
   OSRAM OSTAR Projection Compact
LECGQ8WP OSRAM-LECGQ8WP Datasheet
1Mb / 25P
   OSRAM OSTAR Projection Compact
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com