Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTDELQS1.12-THVH-36-W6A6 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # KTDELQS1.12-THVH-36-W6A6
Description  TOPLED E1608
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KTDELQS1.12-THVH-36-W6A6 Datasheet(HTML) 3 Page - OSRAM GmbH

  KTDELQS1.12-THVH-36-W6A6 Datasheet HTML 1Page - OSRAM GmbH KTDELQS1.12-THVH-36-W6A6 Datasheet HTML 2Page - OSRAM GmbH KTDELQS1.12-THVH-36-W6A6 Datasheet HTML 3Page - OSRAM GmbH KTDELQS1.12-THVH-36-W6A6 Datasheet HTML 4Page - OSRAM GmbH KTDELQS1.12-THVH-36-W6A6 Datasheet HTML 5Page - OSRAM GmbH KTDELQS1.12-THVH-36-W6A6 Datasheet HTML 6Page - OSRAM GmbH KTDELQS1.12-THVH-36-W6A6 Datasheet HTML 7Page - OSRAM GmbH KTDELQS1.12-THVH-36-W6A6 Datasheet HTML 8Page - OSRAM GmbH KTDELQS1.12-THVH-36-W6A6 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Version 1.1
KT DELQS1.12
2017-06-06
3
Maximum Ratings
Grenzwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operating temperature range
Betriebstemperatur
T
op
-40 ... 110
°C
Storage temperature range
Lagertemperatur
Tstg
-40 ... 110
°C
Junction temperature
Sperrschichttemperatur
Tj
125
°C
Forward current
Durchlassstrom
(T
S = 25 °C)
I
F
2 ... 30
mA
Surge current
Stoßstrom
(t ≤ 10 µs; D = 0.005; TS = 25 °C)
IFM
70
mA
ESD withstand voltage
ESD Festigkeit
(acc. to ANSI/ESDA/JEDEC JS-001 - HBM, Class 2)
VESD
2
kV


Similar Part No. - KTDELQS1.12-THVH-36-W6A6

ManufacturerPart #DatasheetDescription
logo
ams AG
KTDELMS1.12 AMSCO-KTDELMS1.12 Datasheet
1Mb / 23P
   The TOPLED E1608 expands ams OSRAM’ low power portfolio by offering one of the smallest LED Industry standard footprints in a highly reliable and well proved package concept.
Version 1.8 2022-11-25
KTDELMS1.12-QHRH-25-26E6 AMSCO-KTDELMS1.12-QHRH-25-26E6 Datasheet
1Mb / 23P
   The TOPLED E1608 expands ams OSRAM’ low power portfolio by offering one of the smallest LED Industry standard footprints in a highly reliable and well proved package concept.
Version 1.8 2022-11-25
More results

Similar Description - KTDELQS1.12-THVH-36-W6A6

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
CTDELSS1.12 OSRAM-CTDELSS1.12 Datasheet
694Kb / 22P
   FIREFLY E1608
LST67B OSRAM-LST67B Datasheet
438Kb / 19P
   TOPLED
LST67D OSRAM-LST67D Datasheet
756Kb / 20P
   TOPLED
LWTVSG.CB OSRAM-LWTVSG.CB Datasheet
724Kb / 24P
   TOPLED
LST67F OSRAM-LST67F Datasheet
493Kb / 20P
   TOPLED
LW-T67C-S2V1-5K8L OSRAM-LW-T67C-S2V1-5K8L Datasheet
610Kb / 23P
   TOPLED
LTT673 OSRAM-LTT673 Datasheet
479Kb / 22P
   TOPLED
LR-T68F-U1AA-1-1-Z OSRAM-LR-T68F-U1AA-1-1-Z Datasheet
480Kb / 21P
   TOPLED
logo
Siemens Semiconductor G...
LST670 SIEMENS-LST670 Datasheet
496Kb / 8P
   TOPLED
logo
OSRAM GmbH
LG-T676-P1Q2-24-Z OSRAM-LG-T676-P1Q2-24-Z Datasheet
536Kb / 21P
   TOPLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com