Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0304-206 Datasheet(PDF) 2 Page - Lumberg

Part # 0304-206
Description  Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

0304-206 Datasheet(HTML) 2 Page - Lumberg

  0304-206 Datasheet HTML 1Page - Lumberg 0304-206 Datasheet HTML 2Page - Lumberg 0304-206 Datasheet HTML 3Page - Lumberg 0304-206 Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
03 0304-2
01/2018
2
Environmental conditions
Temperature range
-40 °C/+85 °C
Materials
Insulating body
PA, V-2 according to UL94
Contact bush
CuZn, silver-plated and flash gold-
plated
Housing
Zn diecast, pre-copper and nickel-
plated
Ring screw
CuZn, nickel-plated
Seal
NBR
Mechanical data
Insertion force/contact
≤ 5.0 N 1
Withdrawal force/contact
≥ 1.2 N 1
Protection class
IP68/67 2
1
measured with a polished steel pin, nominal thickness 1.5 mm
2
according to IEC 60529/DIN EN 60529
IP68: sealed in locked position; pair of appropriate connectors in locked
position is sealed against ingress of dust and moisture.
IP67: sealed when unmated (SWUM™); no dust or moisture can ingress into the inside of the
device through an unmated connector accidentially left unprotected.
IPX8 requirements under agreement between user and manufacturer
Connectable conductors for solder area
Section
≤ 0.75 mm² (AWG 20)
Electrical data (at Tamb 20 °C)
Contact resistance
≤ 5 mΩ
Rated current
5 A (Tamb 40 °C)
Rated voltage
60 V
Rated impulse voltage
1 kV/60 s
Material group
II (IEC)/1 (UL) (CTI ≥ 450)
Overvoltage category
I
Insulation resistance
> 100 MΩ
Associated products
Counterparts
032200
0331
0332
0332-1
033200
0365
036500
Accessories
0322 C 16
0381
038199
of 4


Similar Part No. - 0304-206

ManufacturerPart #DatasheetDescription
logo
Lumberg
0304-2 LUMBERG-0304-2 Datasheet
99Kb / 2P
   Polbilder, von der L철tseite gesehen
0304-2 LUMBERG-0304-2 Datasheet
124Kb / 3P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0304-2 LUMBERG-0304-2 Datasheet
223Kb / 3P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0304-2 LUMBERG-0304-2 Datasheet
273Kb / 3P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0304-2 LUMBERG-0304-2 Datasheet
359Kb / 3P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
More results

Similar Description - 0304-206

ManufacturerPart #DatasheetDescription
logo
Lumberg
0306 LUMBERG-0306 Datasheet
461Kb / 5P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0308C02 LUMBERG-0308C02 Datasheet
187Kb / 3P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0314-1 LUMBERG-0314-1 Datasheet
444Kb / 4P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0315-2 LUMBERG-0315-2 Datasheet
381Kb / 4P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0316-1 LUMBERG-0316-1 Datasheet
492Kb / 4P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0316-2 LUMBERG-0316-2 Datasheet
459Kb / 4P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0317 LUMBERG-0317 Datasheet
724Kb / 5P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0322-1 LUMBERG-0322-1 Datasheet
520Kb / 4P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0332 LUMBERG-0332_18 Datasheet
600Kb / 4P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0380 LUMBERG-0380_18 Datasheet
488Kb / 3P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
SV30 LUMBERG-SV30 Datasheet
560Kb / 4P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com