Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM8611 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM8611
Description  Low-Voltage Manual Reset & Watchdog Supervisory Circuits in 4-Lead SC70
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8611 Datasheet(HTML) 4 Page - Analog Devices

  ADM8611 Datasheet HTML 1Page - Analog Devices ADM8611 Datasheet HTML 2Page - Analog Devices ADM8611 Datasheet HTML 3Page - Analog Devices ADM8611 Datasheet HTML 4Page - Analog Devices ADM8611 Datasheet HTML 5Page - Analog Devices ADM8611 Datasheet HTML 6Page - Analog Devices ADM8611 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ADM8611/ADM8616/ADM8617/ADM8618
Preliminary Technical Data
Rev. PrB | Page 4 of 7
PIN CONFIGURATIONS AND FUNCTIONAL DESCRIPTIONS
1
ADM861x
RESET/RESET
GND
VCC
MR/WDI 2
4
3
TOP VIEW
(Not to Scale)
Table 4. Pin Functional Descriptions
Pin No.
Name
Description
1
RESET (ADM8616/ADM8617)
Active-Low Reset Output, which is asserted whenever VCC is below the reset.threshold, VTH.
Push-Pull Output Stage for ADM8616.
Open-Drain Output Stage for ADM8617.
RESET (ADM8618)
Active-High, Push-Pull Reset Output.
2
MR (ADM8611)
Manual Reset Input. This is an active-low input which, when forced low for at least 1µs,
generates a reset.
Features a 52k
internal pull-up.
WDI
(ADM8616/ADM8617/ADM8618)
Watchdog Input. Generates a reset if the logic level on the pin remains low or high for the
duration of the watchdog timeout. The timer is cleared if a logic transition occurs on this
pin or if a reset is generated. Leave floating to disable the watchdog timer.
3
GND
Ground
4
VCC
Power Supply Voltage being Monitored.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - ADM8611

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8611 AD-ADM8611 Datasheet
439Kb / 17P
   Ultralow Power Supervisory ICs with Watchdog Timer and Manual Reset
Rev. G
ADM8611-EVALZ AD-ADM8611-EVALZ Datasheet
439Kb / 17P
   Ultralow Power Supervisory ICs with Watchdog Timer and Manual Reset
Rev. G
ADM8611N263ACBZ-R7 AD-ADM8611N263ACBZ-R7 Datasheet
439Kb / 17P
   Ultralow Power Supervisory ICs with Watchdog Timer and Manual Reset
Rev. G
ADM8611N293ACBZ-R7 AD-ADM8611N293ACBZ-R7 Datasheet
439Kb / 17P
   Ultralow Power Supervisory ICs with Watchdog Timer and Manual Reset
Rev. G
More results

Similar Description - ADM8611

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8616 AD-ADM8616_07 Datasheet
278Kb / 12P
   Low Voltage Supervisory Circuits with Watchdog in 4-Lead SC70
REV. B
ADM8616 AD-ADM8616_15 Datasheet
278Kb / 12P
   Low Voltage Supervisory Circuits with Watchdog in 4-Lead SC70
REV. B
ADM8617 AD-ADM8617_15 Datasheet
278Kb / 12P
   Low Voltage Supervisory Circuits with Watchdog in 4-Lead SC70
REV. B
ADM823 AD-ADM823_15 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
ADM823 AD-ADM823 Datasheet
180Kb / 10P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Rev.PrB
ADM825TYRJ-R7 AD-ADM825TYRJ-R7 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Rev. D
ADM824 AD-ADM824_15 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
ADM825 AD-ADM825_15 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
ADM823_VC AD-ADM823_VC Datasheet
197Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Rev. C
ADM823RYRJZ-R7 AD-ADM823RYRJZ-R7 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com