Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1206C562KDRACAUTO Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1206C562KDRACAUTO
Description  SMD Auto X7R HV, Ceramic, 5600 pF, 10%, 1,000 V, X7R, SMD, MLCC, High Voltage, Temperature Stable, Automotive Grade, 1206
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C562KDRACAUTO Datasheet(HTML) 1 Page - Kemet Corporation

  C1206C562KDRACAUTO Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 12/19/2017 - 7474d980-b5cd-4231-af5c-2bcba00ce5f5
KEMET Part Number: C1206C562KDRACAUTO
SMD Auto X7R HV, Ceramic, 5600 pF, 10%, 1,000 V, X7R, SMD, MLCC, High Voltage, Temperature Stable, Automotive Grade,
1206
Dimensions
L
3.2mm +/-0.2mm
W
1.6mm +/-0.2mm
T
1.2mm +/-0.15mm
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 2500
General Information
Supplier: KEMET
Series: SMD Auto X7R HV
Style: SMD Chip
Description:
SMD, MLCC, High Voltage,
Temperature Stable, Automotive
Grade
Features: High Voltage, Temp Stable,
Automotive Grade
RoHS: Yes
Termination: Tin
Marking: No
Approvals: AEC-Q200
AEC-Q200: Yes
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
Chip Size: 1206
Specifications
Capacitance: 5600 pF
Capacitance Tolerance: 10%
Voltage DC: 1000 VDC
Dielectric Withstanding
Voltage: 1,200 V
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 2.5% 1kHz 25C
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 100 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C1206C562KDRACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C562KDRACTU KEMET-C1206C562KDRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 5600 pF, 10%, 1,000 V, 1206, X7R, SMD, MLCC, High Voltage, Temperature Stable
More results

Similar Description - C1206C562KDRACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C102KDRACAUTO KEMET-C1206C102KDRACAUTO Datasheet
71Kb / 1P
   SMD Auto X7R HV, Ceramic, 1000 pF, 10%, 1,000 V, X7R, SMD, MLCC, High Voltage, Temperature Stable, Automotive Grade, 1206
C1206C822KDRACAUTO KEMET-C1206C822KDRACAUTO Datasheet
72Kb / 1P
   SMD Auto X7R HV, Ceramic, 8200 pF, 10%, 1,000 V, X7R, SMD, MLCC, High Voltage, Temperature Stable, Automotive Grade, 1206
C1206C471KDRACAUTO KEMET-C1206C471KDRACAUTO Datasheet
72Kb / 1P
   SMD Auto X7R HV, Ceramic, 470 pF, 10%, 1,000 V, X7R, SMD, MLCC, High Voltage, Temperature Stable, Automotive Grade, 1206
C1206C222KDRACAUTO KEMET-C1206C222KDRACAUTO Datasheet
71Kb / 1P
   SMD Auto X7R HV, Ceramic, 2200 pF, 10%, 1,000 V, X7R, SMD, MLCC, High Voltage, Temperature Stable, Automotive Grade,1206
C1206C221KDRACAUTO KEMET-C1206C221KDRACAUTO Datasheet
71Kb / 1P
   SMD Auto X7R HV, Ceramic, 220 pF, 10%, 1,000 V, X7R, SMD, MLCC, High Voltage, Temperature Stable, Automotive Grade, 1206
C1206C682KDRACAUTO KEMET-C1206C682KDRACAUTO Datasheet
72Kb / 1P
   SMD Auto X7R HV, Ceramic, 6800 pF, 10%, 1,000 V, X7R, SMD, MLCC, High Voltage, Temperature Stable, Automotive Grade, 1206
C1206C223KDRACAUTO KEMET-C1206C223KDRACAUTO Datasheet
72Kb / 1P
   SMD Auto X7R HV, Ceramic, 0.022 uF, 10%, 1,000 V, X7R, SMD, MLCC, High Voltage, Temperature Stable, Automotive Grade, 1206
C0805C272KDRACAUTO KEMET-C0805C272KDRACAUTO Datasheet
72Kb / 1P
   SMD Auto X7R HV, Ceramic, 2700 pF, 10%, 1,000 V, X7R, SMD, MLCC, High Voltage, Temperature Stable, Automotive Grade, 0805
C0805C332KDRACAUTO KEMET-C0805C332KDRACAUTO Datasheet
72Kb / 1P
   SMD Auto X7R HV, Ceramic, 3300 pF, 10%, 1,000 V, X7R, SMD, MLCC, High Voltage, Temperature Stable, Automotive Grade, 0805
C0805C472KDRACAUTO KEMET-C0805C472KDRACAUTO Datasheet
72Kb / 1P
   SMD Auto X7R HV, Ceramic, 4700 pF, 10%, 1,000 V, X7R, SMD, MLCC, High Voltage, Temperature Stable, Automotive Grade, 0805
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com