Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0805C472KARACAUTO Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0805C472KARACAUTO
Description  SMD Auto X7R, Ceramic, 4700 pF, 10%, 250 V, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 0805
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805C472KARACAUTO Datasheet(HTML) 1 Page - Kemet Corporation

  C0805C472KARACAUTO Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 12/19/2017 - 0a1a1852-d7d7-4e0f-b309-a5fb7222baec
KEMET Part Number: C0805C472KARACAUTO
SMD Auto X7R, Ceramic, 4700 pF, 10%, 250 V, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 0805
Dimensions
L
2mm +/-0.2mm
W
1.25mm +/-0.2mm
T
0.78mm +/-0.10mm
S
0.75mm MIN
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Paper Tape
Packaging Quantity: 4000
General Information
Supplier: KEMET
Series: SMD Auto X7R
Style: SMD Chip
Description: SMD, MLCC, Temperature
Stable, Automotive Grade
Features: Temperature Stable, Automotive
Grade
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Approvals: AEC-Q200
AEC-Q200: Yes
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
Chip Size: 0805
Specifications
Capacitance: 4700 pF
Capacitance Tolerance: 10%
Voltage DC: 250 VDC
Dielectric Withstanding
Voltage: 625 V
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 2.5% 1kHz 25C
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 100 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0805C472KARACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C472KARACTU KEMET-C0805C472KARACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Tip & Ring, Temperature Stable, 4700 pF, /-10% Tol, 250 V, X7R, 0805 (2012 metric)
More results

Similar Description - C0805C472KARACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C472KARACAUTO KEMET-C0603C472KARACAUTO Datasheet
58Kb / 1P
   SMD Auto X7R, Ceramic, 4700 pF, 10%, 250 V, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 0603
C0805C471KARACAUTO KEMET-C0805C471KARACAUTO Datasheet
72Kb / 1P
   SMD Auto X7R, Ceramic, 470 pF, 10%, 250 V, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 0805
C0805C332KARACAUTO KEMET-C0805C332KARACAUTO Datasheet
72Kb / 1P
   SMD Auto X7R, Ceramic, 3300 pF, 10%, 250 V, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 0805
C0805C222KARACAUTO KEMET-C0805C222KARACAUTO Datasheet
72Kb / 1P
   SMD Auto X7R, Ceramic, 2200 pF, 10%, 250 V, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 0805
C0805C682KARACAUTO KEMET-C0805C682KARACAUTO Datasheet
72Kb / 1P
   SMD Auto X7R, Ceramic, 6800 pF, 10%, 250 V, 0805, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C0805C102KARACAUTO KEMET-C0805C102KARACAUTO Datasheet
72Kb / 1P
   SMD Auto X7R, Ceramic, 1000 pF, 10%, 250 V, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 0805
C0402C472K5RACAUTO KEMET-C0402C472K5RACAUTO Datasheet
72Kb / 1P
   SMD Auto X7R, Ceramic, 4700 pF, 10%, 50 V, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 0402
C0603C472K1RACAUTO KEMET-C0603C472K1RACAUTO Datasheet
72Kb / 1P
   SMD Auto X7R, Ceramic, 4700 pF, 10%, 100 V, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 0603
C0805C472K1RACAUTO KEMET-C0805C472K1RACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 4700 pF, 10%, 100 V, 0805, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C0805C153KARACAUTO KEMET-C0805C153KARACAUTO Datasheet
72Kb / 1P
   SMD Auto X7R, Ceramic, 0.015 uF, 10%, 250 V, 0805, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com