Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8383ACPZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD8383ACPZ
Description  Low Cost 10-Bit, 6-Channel Output Decimating LCD DecDriver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8383ACPZ Datasheet(HTML) 5 Page - Analog Devices

  AD8383ACPZ Datasheet HTML 1Page - Analog Devices AD8383ACPZ Datasheet HTML 2Page - Analog Devices AD8383ACPZ Datasheet HTML 3Page - Analog Devices AD8383ACPZ Datasheet HTML 4Page - Analog Devices AD8383ACPZ Datasheet HTML 5Page - Analog Devices AD8383ACPZ Datasheet HTML 6Page - Analog Devices AD8383ACPZ Datasheet HTML 7Page - Analog Devices AD8383ACPZ Datasheet HTML 8Page - Analog Devices AD8383ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD8383
Rev. 0 | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2. AD8383 Stress Ratings
Parameter
Rating
Supply Voltages
AVCCx – AGNDx
18 V
DVCC – DGND
4.5 V
Input Voltages
Maximum Digital Input Voltages
DVCC + 0.5 V
Minimum Digital Input Voltages
DGND – 0.5 V
Maximum Analog Input Voltages
AVCC + 0.5 V
Minimum Analog Input Voltages
AGND – 0.5 V
Internal Power Dissipation8
LFCSP Package @ 25°C Ambient
3.8 W
Operating Temperature Range
0°C to 85°C
Storage Temperature Range
–65°C to +125°C
Lead Temperature Range (Soldering 10 sec)
300°C
Stresses above those listed under the Absolute Maximum
Ratings may cause permanent damage to the device. This is a
stress rating only; functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to the
absolute maximum ratings for extended periods may reduce
device reliability.
8 48-Lead LFCSP Package:
θJA = 26°C/W (Still Air): JEDEC STD, 4-layer board with 0 CFM airflow
θJC = 20°C/W
ψJB = 11.0°C/W in Still Air
MAXIMUM POWER DISSIPATION
Junction Temperature
The maximum power that can be safely dissipated by the
AD8383 is limited by its junction temperature. The maximum
safe junction temperature for plastic encapsulated devices as
determined by the glass transition temperature of the plastic is
approximately 150°C. Exceeding this limit temporarily may
cause a shift in the parametric performance due to a change in
the stresses exerted on the die by the package. Exceeding a
junction temperature of 175°C for an extended period can
result in device failure.
Overload Protection
The AD8383 employs a 2-stage overload protection circuit that
consists of an output current limiter and a thermal shutdown.
The maximum current at any one output of the AD8383 is
internally limited to 100 mA, average. In the event of a momen-
tary short-circuit between a video output and a power supply
rail (AVCC or AGND), the output current limit is sufficiently
low to provide temporary protection.
The thermal shutdown debiases the output amplifier when the
junction temperature reaches the internally set trip point. In the
event of an extended short-circuit between a video output and a
power supply rail, the output amplifier current continues to
switch between 0 mA and 100 mA typical with a period
determined by the thermal time constant and the hysteresis of
the thermal trip point. The thermal shutdown provides long-
term protection by limiting the average junction temperature to
a safe level.
Operating Temperature Range
Production testing guarantees a minimum thermal shutdown
junction temperature (TJ) of at least 125°C.
To ensure operation at TJ < 125°C, it is necessary to limit the
maximum power dissipation as described in the Applications
section.
Exposed Paddle
The die paddle must be soldered to AVCC for reliable electrical
operation.
See the Applications section for details regarding use of the
exposed paddles to dissipate excess heat.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
this product features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.


Similar Part No. - AD8383ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8383 AD-AD8383_15 Datasheet
382Kb / 16P
   Low Cost 10-Bit, 6-Channel Output
REV. 0
More results

Similar Description - AD8383ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8382 AD-AD8382 Datasheet
864Kb / 24P
   High Performance 12-Bit, 6-Channel Output, Decimating LCD DecDriver
REV. 0
AD8384 AD-AD8384 Datasheet
470Kb / 24P
   10-Bit, 6-Channel Decimating LCD DecDriver-R with Level Shifters
REV. 0
AD8385 AD-AD8385 Datasheet
767Kb / 24P
   10-Bit, 12-Channel Decimating LCD DECDRIVER with Level Shifters
REV. 0
AD8380 AD-AD8380 Datasheet
219Kb / 16P
   Fast, High-Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
AD8387 AD-AD8387 Datasheet
396Kb / 16P
   High Performance, 12-Bit, 12-Channel Decimating, LCD DecDriver
REV. 0
AD8381JSTZ AD-AD8381JSTZ Datasheet
290Kb / 16P
   Fast, High Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
AD8386 AD-AD8386 Datasheet
380Kb / 20P
   10-Bit, 12-Channel Output Decimating LCD Driver
REV. 0
AD8384 AD-AD8384_15 Datasheet
734Kb / 24P
   10-Bit, 6-Channel Decimating
REV. 0
AD8383 AD-AD8383_15 Datasheet
382Kb / 16P
   Low Cost 10-Bit, 6-Channel Output
REV. 0
AD8385 AD-AD8385_15 Datasheet
768Kb / 24P
   10-Bit, 12-Channel Decimating
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com