Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTT5X20 Datasheet(PDF) 1 Page - Schurter Inc.

Part # FTT5X20
Description  Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FTT5X20 Datasheet(HTML) 1 Page - Schurter Inc.

  FTT5X20 Datasheet HTML 1Page - Schurter Inc. FTT5X20 Datasheet HTML 2Page - Schurter Inc. FTT5X20 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Fuses
FTT 5x20
https://www.schurter.com /PG01_2
Fuses
Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
See below:
Approvals and Compliances
UL 248-14 · 250VAC · Super-Time-Lag TT
Description
- Low Breaking Capacity
- Glass Tube
References
Assembled Fuseholder OGN-SMD
Weblinks
pdf datasheet, html-datasheet, General Product Information, Packaging
details, Distributor-Stock-Check, Detailed request for product
Technical Data
Rated Voltage
250 VAC
Rated current
0.063 - 4 A
Breaking Capacity
35 A
Characteristic
Super-Time-Lag TT
Mounting
Fuseholder / Clip
Admissible Ambient Air Temp. -40 °C to 85 °C
Climatic Category
40/085/21 acc. to IEC 60068-1
Material: Tube
Glass
Material: Endcaps
Nickel-Plated Copper Alloy
Unit Weight
1 g
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
, Rated current, Rated Voltage, Cha-
racteristic, Approvals
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: FTT 5x20
Approval Logo
Certificates
Certification Body
Description
UL Approvals
UL
UL File Number: E41599
Product standards
Product standards that are referenced
Organization
Design
Standard
Description
Designed according to
UL 248-14
Low voltage fuses - Part 14: Additional fuses
Designed according to
CSA22.2 No. 248.14
Low-Voltage Fuses - Part 14: Supplemental Fuses
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 60950
IEC 60950-1 includes the basic requirements for the safety of information
technologyequipment.


Similar Part No. - FTT5X20

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FTT5X20 SCHURTER-FTT5X20 Datasheet
262Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
04.01.2022
FTT5X20 SCHURTER-FTT5X20_V02 Datasheet
262Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
04.01.2022
More results

Similar Description - FTT5X20

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FTT5X20 SCHURTER-FTT5X20_V02 Datasheet
262Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
04.01.2022
00345031 SCHURTER-00345031 Datasheet
285Kb / 2P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
D1TD SCHURTER-D1TD Datasheet
476Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, NF, 220 VAC
D1TD SCHURTER-D1TD_18 Datasheet
281Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, NF, 220 VAC
D20TD SCHURTER-D20TD Datasheet
373Kb / 3P
   Miniature Fuse, 10.3 x 38 mm, Super-Time-Lag TT, 250 VAC
D20TD SCHURTER-D20TD_V01 Datasheet
201Kb / 2P
   Miniature Fuse, 10.3 x 38 mm, Super-Time-Lag TT, 250 VAC
D1TD SCHURTER-D1TD_V02 Datasheet
180Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, NF, 220 VAC
04.01.2022
00343101 SCHURTER-00343101 Datasheet
362Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
FST5X20 SCHURTER-FST5X20 Datasheet
333Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
FST5X20 SCHURTER-FST5X20_V02 Datasheet
349Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com