Electronic Components Datasheet Search |
|
AAT3201 Datasheet(PDF) 6 Page - Advanced Analogic Technologies |
|
AAT3201 Datasheet(HTML) 6 Page - Advanced Analogic Technologies |
6 / 14 page AAT3201 150mA OmniPower™ LDO Linear Regulator 6 3201.2002.3.0.91 (Unless otherwise noted, VIN = VOUT + 1V, TA = 25°C, COUT = 5.6µF ceramic, IOUT = 100mA) Line Response with 100mA Load 2.6 2.8 3 3.2 3.4 3.6 3.8 -200 0 200 400 600 800 Time ( µs) 0 1 2 3 4 5 6 Input Output Load Transient - 1 mA / 80 mA 2 3 4 -1 0 1 2 3 Time (ms) 0 80 160 240 320 Output Line Response with 10mA Load 2.6 2.8 3 3.2 3.4 3.6 3.8 -200 0 200 400 600 800 Time ( µs) 0 1 2 3 4 5 6 Input Output Load Transient - 1 mA / 40 mA 2 3 4 -1 0 1 2 3 Time (ms) 0 80 160 240 320 Output Line Response with 1mA Load 2.6 2.8 3 3.2 3.4 3.6 3.8 -200 0 200 400 600 800 Time ( µs) 0 1 2 3 4 5 6 Input Output |
Similar Part No. - AAT3201 |
|
Similar Description - AAT3201 |