Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3C3993-6 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE3C3993-6
Description  Snap-On MMBX Plug to N Female Bulkhead Cable 6 Inch Length Using RG178 Coax
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3993-6 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3C3993-6 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3993-6 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3993-6 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3993-6 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Environmental Specifications
Temperature
Operating Range
-55 to +155 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
How to Order
Part Number Configuration:
PE3C3993
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3C3993-12 = 12 inches long cable
PE3C3993-100cm = 100 cm long cable
Snap-On MMBX Plug to N Female Bulkhead Cable 6 Inch Length Using RG178 Coax from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a
99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: Snap-On MMBX Plug to N Female Bulkhead Cable 6 Inch Length Using RG178 Coax
PE3C3993-6
URL: https://www.pasternack.com/mmbx-plug-n-female-rg178bu-cable-assembly-pe3c3993-6-p.aspx
PE3C3993-6 REV 1.0
RF Cable Assemblies Technical Data Sheet
Snap-On MMBX Plug to N Female Bulkhead
Cable 6 Inch Length Using RG178 Coax
PE3C3993-6


Similar Part No. - PE3C3993-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C3993-12 PASTERNACK-PE3C3993-12 Datasheet
441Kb / 4P
   Snap-On MMBX Plug to N Female Bulkhead Cable 12 Inch Length Using RG178 Coax
PE3C3993-18 PASTERNACK-PE3C3993-18 Datasheet
441Kb / 4P
   Snap-On MMBX Plug to N Female Bulkhead Cable 18 Inch Length Using RG178 Coax
PE3C3993-24 PASTERNACK-PE3C3993-24 Datasheet
441Kb / 4P
   Snap-On MMBX Plug to N Female Bulkhead Cable 24 Inch Length Using RG178 Coax
PE3C3993-4 PASTERNACK-PE3C3993-4 Datasheet
441Kb / 4P
   Snap-On MMBX Plug to N Female Bulkhead Cable 4 Inch Length Using RG178 Coax
PE3C3993-8 PASTERNACK-PE3C3993-8 Datasheet
441Kb / 4P
   Snap-On MMBX Plug to N Female Bulkhead Cable 8 Inch Length Using RG178 Coax
More results

Similar Description - PE3C3993-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C3995-6 PASTERNACK-PE3C3995-6 Datasheet
439Kb / 4P
   Snap-On MMBX Plug to TNC Female Bulkhead Cable 6 Inch Length Using RG178 Coax
PE3C3922-6 PASTERNACK-PE3C3922-6 Datasheet
438Kb / 4P
   Snap-On MMBX Plug to SMA Female Bulkhead Cable 6 Inch Length Using RG178 Coax
PE3C3993-12 PASTERNACK-PE3C3993-12 Datasheet
441Kb / 4P
   Snap-On MMBX Plug to N Female Bulkhead Cable 12 Inch Length Using RG178 Coax
PE3C3993-24 PASTERNACK-PE3C3993-24 Datasheet
441Kb / 4P
   Snap-On MMBX Plug to N Female Bulkhead Cable 24 Inch Length Using RG178 Coax
PE3C3993-18 PASTERNACK-PE3C3993-18 Datasheet
441Kb / 4P
   Snap-On MMBX Plug to N Female Bulkhead Cable 18 Inch Length Using RG178 Coax
PE3C3993-8 PASTERNACK-PE3C3993-8 Datasheet
441Kb / 4P
   Snap-On MMBX Plug to N Female Bulkhead Cable 8 Inch Length Using RG178 Coax
PE3C3985-6 PASTERNACK-PE3C3985-6 Datasheet
430Kb / 4P
   Snap-On MMBX Plug to Snap-On MMBX Plug Cable 6 Inch Length Using RG178 Coax
PE3C3994-6 PASTERNACK-PE3C3994-6 Datasheet
443Kb / 4P
   Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable 6 Inch Length Using RG178 Coax
PE3C3993-4 PASTERNACK-PE3C3993-4 Datasheet
441Kb / 4P
   Snap-On MMBX Plug to N Female Bulkhead Cable 4 Inch Length Using RG178 Coax
PE3C3993 PASTERNACK-PE3C3993 Datasheet
440Kb / 4P
   Snap-On MMBX Plug to N Female Bulkhead Cable Using RG178 Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com