Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE91083 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE91083
Description  75 Ohm TNC Female to F Male Adapter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91083 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE91083 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91083 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91083 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE91083 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
PE91083 REV 1.1
75 Ohm TNC Female to F Male Adapter
PE91083 CAD Drawing


Similar Part No. - PE91083

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9108 PASTERNACK-PE9108 Datasheet
237Kb / 2P
   Bulkhead SMC Jack to BNC Female Adapter
PE91080 PASTERNACK-PE91080 Datasheet
432Kb / 4P
   75 Ohm TNC Male to F Female Adapter
PE91081 PASTERNACK-PE91081 Datasheet
242Kb / 3P
   75 Ohm TNC Male to F Male Adapter
PE91082 PASTERNACK-PE91082 Datasheet
243Kb / 3P
   75 Ohm TNC Female to F Female Adapter
PE91084 PASTERNACK-PE91084 Datasheet
253Kb / 3P
   Precision 1.85mm Female to 1.85mm Female Phase Matched Adapter Operating to 67 GHz
More results

Similar Description - PE91083

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91080 PASTERNACK-PE91080 Datasheet
432Kb / 4P
   75 Ohm TNC Male to F Female Adapter
PE91082 PASTERNACK-PE91082 Datasheet
243Kb / 3P
   75 Ohm TNC Female to F Female Adapter
PE91081 PASTERNACK-PE91081 Datasheet
242Kb / 3P
   75 Ohm TNC Male to F Male Adapter
PE9628 PASTERNACK-PE9628 Datasheet
246Kb / 2P
   75 Ohm N Female to TNC Male Adapter
PE9630 PASTERNACK-PE9630 Datasheet
247Kb / 2P
   75 Ohm TNC Female to BNC Male Adapter
PE9631 PASTERNACK-PE9631 Datasheet
255Kb / 2P
   75 Ohm TNC Male to BNC Female Adapter
PE9759 PASTERNACK-PE9759 Datasheet
245Kb / 2P
   Precision 75 Ohm F Male to F Female Adapter
PE9622 PASTERNACK-PE9622 Datasheet
244Kb / 2P
   75 Ohm TNC Female to TNC Female Adapter
PE9397 PASTERNACK-PE9397 Datasheet
249Kb / 3P
   75 Ohm N Female to F Male Adapter
PE9396 PASTERNACK-PE9396 Datasheet
247Kb / 3P
   75 Ohm N Male to F Female Adapter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com