Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3310 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SK3310
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PI-MOSV)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3310 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SK3310 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3310 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3310 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3310 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3310 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3310 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SK3310
2002-09-04
4
RDS (ON) – Tc
IDR – VDS
Vth – Tc
PD – Tc
160
0
1
3
2
6
5
4
-80
-40
0
40
80
120
Common source
VDS = 10 V
ID = 1 mA
Pulse test
0
0.01
-0.4
0.1
1
10
100
-0.6
-0.8
-1.2
5
-0.2
-1
10
1
3
VGS = 0, -1 V
Common source
Tc
= 25°C
Pulse test
0
10
30
20
50
40
200
0
40
80
120
160
Case temperature Tc
(°C)
Drain-source voltage VDS (V)
Drain-source voltage VDS (V)
Capacitance – VDS
Case temperature Tc
(°C)
Case temperature Tc
(°C)
Total gate charge Qg (nC)
Dynamic input/output characteristics
500
400
0
100
200
300
0
10
20
30
50
40
Common source
ID = 10 A
Tc
= 25°C
Pulse test
VDS
360
180
VGS
VDD = 90 V
0
4
8
12
20
16
2.0
1.2
0
-80
-40
0
40
80
160
120
0.4
0.8
ID = 10 A
2.5
5
1.6
Common source
VGS = 10 V
Pulse test
3
0.1
10
100
1000
3000
1
10
100
300
Common source
VGS = 0 V
f
= 1 MHz
Tc
= 25°C
Ciss
Coss
Crss
30
3
0.3
30
300


Similar Part No. - 2SK3310

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3310 TOSHIBA-2SK3310 Datasheet
191Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3310 TOSHIBA-2SK3310 Datasheet
185Kb / 6P
   Switching Regulator Applications
2SK3310 TOSHIBA-2SK3310 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK3310 ISC-2SK3310 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK3310 TOSHIBA-2SK3310_06 Datasheet
191Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
More results

Similar Description - 2SK3310

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3314 TOSHIBA-2SK3314 Datasheet
263Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PI-MOSV)
2SK3374 TOSHIBA-2SK3374 Datasheet
227Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (pi-MOSV)
2SK3387 TOSHIBA-2SK3387 Datasheet
216Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L2-pi-MOSV)
2SK3130 TOSHIBA-2SK3130 Datasheet
203Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (?-MOSV)
2SK3342 TOSHIBA-2SK3342 Datasheet
129Kb / 3P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOSV)
2SK3471 TOSHIBA-2SK3471 Datasheet
104Kb / 3P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3407 TOSHIBA-2SK3407 Datasheet
230Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3543 TOSHIBA-2SK3543 Datasheet
234Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SJ567(TE16L1,NQ) TOSHIBA-2SJ567(TE16L1,NQ) Datasheet
182Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (-MOSV)
2SJ567 TOSHIBA-2SJ567_09 Datasheet
184Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (MOSV)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com