Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3004 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2SK3004
Description  External dimensions 1 ...... FM20
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

2SK3004 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2SK3004 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SK3004
V(BR)DSS
250
V
ID = 100
µA, VGS = 0V
I SD =
±100mA
IGSS
±100
nA
VGS =
±20V
IDSS
100
µAVDS = 250V, VGS = 0V
VTH
2.0
4.0
V
VDS = 10V, ID = 1mA
Re (yfs)
7
11
S
VDS = 10V, ID = 9A
RDS(on)
200
250
m
VGS = 10V, ID = 9A
Ciss
850
VDS = 10V, f = 1.0MHz,
VGS = 0V
ID = 9A, VDD
100V,
RL = 11.1
Ω, VGS = 10V,
See Figure 2 on Page 5.
Coss
Crss
550
250
20
50
65
pF
tf
80
ns
pF
ns
ns
pF
ns
trr
tr
td(off )
td (on)
700
ns
I SD = 18A, VGS = 0V
1.5
VSD
1.0
V
VGS =10V
0
0
510
18
15
0.10
0.05
0.15
0.20
0.25
0.30
ID (A)
VGS =10V
ID =9A
—50
0
050
100
150
0.1
0.2
0.3
0.4
0.5
Tc (ºC)
0
0
0.5
1.0
1.5
5
15
10
18
VSD (V)
0.05
0.3
0.1
0.5
1
5
10 18
0.5
1
5
20
10
ID (A)
VDS =10V
25
°C
125
°C
TC = – 55
°C
5
0
10
15
18
02
4
6
8
VGS (V)
VDS=10V
25
°C
– 55
°C
TC =125
°C
010
15
520
20
15
10
5
0
VDS (V)
5V
4.5V
VGS = 4V
10V
5.5V
35
20
0
4
6
8
10
VGS (V)
2
10
ID =9A
ID =18A
VGS =0V
f =1MHz
Ciss
Coss
Crss
0
10
10
20
30
40
50
50
100
500
3000
1000
VDS (V)
0.5 1
0.01
0.05
5 10
50 100
500
0.1
0.5
1
5
10
100
50
VDS (V)
ID (pulse)max
ID max
1ms
10ms
(1shot
)
100
µs
DC
OPERATION
LIMITED
RDS
(ON)
Ta (ºC)
0
10
20
30
40
0
50
100
150
46
Absolute Maximum Ratings
Electrical Characteristics
Symbol
Ratings
Unit
VDSS
250
V
VGSS
±20
V
ID
±18
A
ID (pulse)
±72
(Ta = 25ºC)
(Ta = 25ºC)
A
PD
35 (Tc = 25ºC)
W
EAS
120
mJ
Tch
150
ºC
IAS
18
A
Tstg
–55 to +150
ºC
Symbol
Unit
Conditions
Ratings
typ
max
min
*2
*1
External dimensions 1 ...... FM20
*
1: PW
100
µs, duty cycle 1%
*
2: VDD = 25V, L = 670
µH, IL = 18A, unclamped, RG = 50Ω,
See Figure 1 on Page 5.
(Tc = 25ºC)
Without heatsink
ID – VDS Characteristics (typical)
Re (yfs) – ID Characteristics (typical)
Capacitance – VDS Characteristics (typical)
IDR – VSD Characteristics (typical)
PD – Ta Characteristics
Safe Operating Area
VDS – VGS Characteristics (typical)
RDS(ON) – TC Characteristics (typical)
ID – VGS Characteristics (typical)
RDS(ON) – ID Characteristics (typical)


Similar Part No. - 2SK3004

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SK3004 SANKEN-2SK3004 Datasheet
49Kb / 2P
   External dimensions
2SK3004 SANKEN-2SK3004 Datasheet
53Kb / 2P
   External dimensions 1
logo
Inchange Semiconductor ...
2SK3004 ISC-2SK3004 Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3004

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FKV550T ETC1-FKV550T Datasheet
21Kb / 1P
   External dimensions 1 FM20
logo
Sanken electric
2SK3004 SANKEN-2SK3004 Datasheet
53Kb / 2P
   External dimensions 1
logo
List of Unclassifed Man...
2SK3003 ETC2-2SK3003 Datasheet
35Kb / 2P
   External dimensions 1
logo
Sanken electric
2SK2420 SANKEN-2SK2420 Datasheet
51Kb / 2P
   External dimensions 1
FKV550T SANKEN-FKV550T Datasheet
27Kb / 1P
   External dimensions
2SK3003 SANKEN-2SK3003 Datasheet
42Kb / 2P
   External dimensions
2SK3004 SANKEN-2SK3004 Datasheet
49Kb / 2P
   External dimensions
2SK3199 SANKEN-2SK3199 Datasheet
49Kb / 2P
   External dimensions
logo
List of Unclassifed Man...
DG24064 ETC-DG24064 Datasheet
85Kb / 1P
   EXTERNAL DIMENSIONS
logo
Sanken electric
2SK3199 SANKEN-2SK3199 Datasheet
53Kb / 2P
   External dimensions
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com