Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XRD98L23 Datasheet(PDF) 5 Page - Exar Corporation

Part No. XRD98L23
Description  8-Bit, High-speed Linear CIS/CCD Sensor Signal Processor with Serial Control
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD98L23 Datasheet(HTML) 5 Page - Exar Corporation

  XRD98L23 Datasheet HTML 1Page - Exar Corporation XRD98L23 Datasheet HTML 2Page - Exar Corporation XRD98L23 Datasheet HTML 3Page - Exar Corporation XRD98L23 Datasheet HTML 4Page - Exar Corporation XRD98L23 Datasheet HTML 5Page - Exar Corporation XRD98L23 Datasheet HTML 6Page - Exar Corporation XRD98L23 Datasheet HTML 7Page - Exar Corporation XRD98L23 Datasheet HTML 8Page - Exar Corporation XRD98L23 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
XRD98L23
5
Rev. 1.00
ELECTRICAL CHARACTERISTICS (CONT'D)
Test Conditions: AV
DD=DVDD=3.3V, ADCCLK=10MHz, 50% Duty Cycle, TA=25°C unless otherwise specified.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
Buffer Specifications
I
IL
Input Leakage Current
100
nA
CIN
Input Capacitance
10
pF
VIN
PP
AC Input Voltage Range
0
AV
DD-1.4
V
CIS AC; INT V
DCREF
Config Reg
=> XXX010XX
Gain=1 (Note 1)
AC Input Voltage Range
0
DV
REF
V
CCD AC; INT V
DCREF
Config Reg
=> XXX011XX
Gain=1 (Note 1)
VIN
DC Input Voltage Range
-0.1
AV
DD-1.4
V
CIS DC; INT V
DCREF
Config Reg
=> XXX000XX
Gain=1 (Note 2)
DC Input Voltage Range
V
DCEXT-0.1
V
DCEXT+
V
CIS DC; EXT V
DCREF
DV
REF
Config Reg
=> XXX100XX
Gain=1 (Note 3)
V
DCEXT+DVREF < AVDD
V
DCEXT
External DC Reference
0.3
AV
DD/2
V
CIS DC; EXT V
DCREF
Config Reg
=> XXX100XX
VIN
BW
Input Bandwidth (Small Signal)
10
MHz
VIN
CT
Channel to Channel Crosstalk
-60
dB
Internal Clamp Specifications
V
CLAMP
Clamp Voltage
AGND
50
mV
CIS (AC) Config
2.1
V
RT
V
CCD (AC) Config
R
INT
Clamp Switch On Resistance
180
250
R
OFF
Clamp Switch Off Resistance
12
M
Note 1: VIN
PP is the signal swing before the external capacitor tied to the MUX inputs.
Note 2: The -0.1V minimum is specified in order to accommodate black level signals lower than the external DC
reference (clamp) voltage.
Note 3: The V
DCEXT-0.1V minimum is specified in order to accommodate black level signals lower than the external DC
reference voltage.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn