Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRD98L23 Datasheet(PDF) 20 Page - Exar Corporation

Part # XRD98L23
Description  8-Bit, High-speed Linear CIS/CCD Sensor Signal Processor with Serial Control
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD98L23 Datasheet(HTML) 20 Page - Exar Corporation

Back Button XRD98L23 Datasheet HTML 16Page - Exar Corporation XRD98L23 Datasheet HTML 17Page - Exar Corporation XRD98L23 Datasheet HTML 18Page - Exar Corporation XRD98L23 Datasheet HTML 19Page - Exar Corporation XRD98L23 Datasheet HTML 20Page - Exar Corporation XRD98L23 Datasheet HTML 21Page - Exar Corporation XRD98L23 Datasheet HTML 22Page - Exar Corporation XRD98L23 Datasheet HTML 23Page - Exar Corporation XRD98L23 Datasheet HTML 24Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
XRD98L23
20
Rev. 1.00
Figure 14. Typical Application Circuitry for a Single
Channel B/W CCD AC Coupled Inverted Mode
DVDD (3V)
AVDD
VCC (5V - 15V)
DGND
AGND
DIGITAL
ASIC
C
C
D
N/C
N/C
N/C
100PF
XRD98L23
DVDD
1
DB0
2
DB1
3
DB2
4
DB3
5
DB4
6
DB5/SCLK
7
DB6/SDATA
8
DB7/LD
9
DGND
10
ADCCLK
11
CLAMP
12
SYNCH
13
AGND
14
VREF+
15
VDCEXT
16
BLU
17
GRN
18
RED
19
AVDD
20


Similar Part No. - XRD98L23

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD98L53 EXAR-XRD98L53 Datasheet
1Mb / 28P
   CCD Image Digitizers with CDS,PGA,and 10-bit A/D
XRD98L53AIV EXAR-XRD98L53AIV Datasheet
1Mb / 28P
   CCD Image Digitizers with CDS,PGA,and 10-bit A/D
XRD98L55 EXAR-XRD98L55 Datasheet
685Kb / 35P
   CCD Image Digitizers with CDS, PGA and 10-Bit A/D
XRD98L55AIV EXAR-XRD98L55AIV Datasheet
685Kb / 35P
   CCD Image Digitizers with CDS, PGA and 10-Bit A/D
XRD98L56 EXAR-XRD98L56 Datasheet
685Kb / 35P
   CCD Image Digitizers with CDS, PGA and 10-Bit A/D
More results

Similar Description - XRD98L23

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD9829 EXAR-XRD9829 Datasheet
1Mb / 20P
   10-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9827 EXAR-XRD9827 Datasheet
264Kb / 32P
   12-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9826 EXAR-XRD9826 Datasheet
273Kb / 33P
   16-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9824 EXAR-XRD9824 Datasheet
265Kb / 32P
   14-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9825 EXAR-XRD9825 Datasheet
290Kb / 33P
   16-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9828 EXAR-XRD9828 Datasheet
148Kb / 2P
   10-Bit Linear CIS/CCD Sensor Signal Processor with Parallel Interface
XRD9818 EXAR-XRD9818 Datasheet
479Kb / 28P
   3-CHANNEL 16-BIT LINEAR CCD/CIS SENSOR SIGNAL PROCESSOR
logo
Analog Devices
AD9814S AD-AD9814S Datasheet
121Kb / 7P
   14-Bit CCD/CIS Signal Processor
REV. D
AD9814S AD-AD9814S_17 Datasheet
105Kb / 8P
   14-Bit CCD/CIS Signal Processor
logo
Texas Instruments
TLC8188 TI-TLC8188 Datasheet
153Kb / 12P
[Old version datasheet]   10-BIT, 4 MSPS, CIS/LINEAR CCD SENSOR PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com