Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCR2-123+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # NCR2-123+
Description  RF Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

NCR2-123+ Datasheet(HTML) 1 Page - Mini-Circuits

  NCR2-123+ Datasheet HTML 1Page - Mini-Circuits NCR2-123+ Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 2
RF Transformer
NCR2-Series
Ultra Wideband
The Big Deal
• Microwave Frequency Balun
• Ultra-Wideband Frequency Coverage,
from 3.5 up to 18 GHz
• Miniature Size LTCC Package
Product Overview
The Mini-Circuits NCR2 family of ultra-wideband balun transformers covers a frequency range spanning
3.5 to 18 GHz with an impedance ratio of 1:2. They are commonly used for unbalanced to balanced
applications. LTCC construction provides exceptional reliability, thermal stability, and a high degree of
repeatability. A small footprint (0.08 x 0.10”) offers flexibility of integration with RF integrated circuits.
Feature
Advantages
Ultra-wide bandwidth
The NCR2 family of LTCC baluns covers many popular microwave frequency bands
and is ideal for applications such as satellite communications, point to point radio, and
electronic surveillance.
LTCC construction
Low Temperature Ceramic Co-fired construction offers a high degree of repeatability,
temperature stability, and high power handling capabilities.
Miniature footprint,
0.079”x0.098”x0.035”
The miniature footprint of these LTCC baluns makes them easy to integrate with RF inte-
grated circuits.
Key Features
50Ω
3W
Up to 18 GHz
CASE STYLE: NF1846-1


Similar Part No. - NCR2-123+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
NCR2-113 MINI-NCR2-113 Datasheet
347Kb / 2P
   RF Transformer
NCR2-113++ MINI-NCR2-113+ Datasheet
347Kb / 2P
   RF Transformer
NCR2-183 MINI-NCR2-183 Datasheet
308Kb / 2P
   RF Transformer
NCR2-183++ MINI-NCR2-183+ Datasheet
308Kb / 2P
   RF Transformer
More results

Similar Description - NCR2-123+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TC133-282 MINI-TC133-282 Datasheet
262Kb / 2P
   RF Transformer
logo
M/A-COM Technology Solu...
DS-MABA-007748-CT1160 MA-COM-DS-MABA-007748-CT1160 Datasheet
361Kb / 3P
   RF Transformer
logo
Mini-Circuits
TC4-1WG2 MINI-TC4-1WG2 Datasheet
114Kb / 1P
   RF Transformer
logo
Pulse A Technitrol Comp...
CX2078NL PULSE-CX2078NL Datasheet
179Kb / 2P
   RF TRANSFORMER
logo
XFMRS Inc.
XFWB3010 XFMRS-XFWB3010 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-1-A XFMRS-XFWB-1-A_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-4-1T XFMRS-XFWB-4-1T_15 Datasheet
39Kb / 1P
   RF TRANSFORMER
XFWB3010 XFMRS-XFWB3010_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
logo
Mini-Circuits
ADT4-1WT MINI-ADT4-1WT_15 Datasheet
201Kb / 1P
   RF Transformer
ADT4-5WT MINI-ADT4-5WT Datasheet
186Kb / 1P
   RF Transformer
ADT9-1T MINI-ADT9-1T Datasheet
204Kb / 1P
   RF Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com