Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1381KV33-100AXC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1381KV33-100AXC
Description  18-Mbit (512K36/1M18) Flow-Through SRAM (With ECC)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1381KV33-100AXC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1381KV33-100AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1381KV33-100AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1381KV33-100AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1381KV33-100AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1381KV33-100AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1381KV33-100AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1381KV33-100AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1381KV33-100AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1381KV33-100AXC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
CY7C1381KV33/CY7C1381KVE33
CY7C1383KV33/CY7C1383KVE33
Document Number: 001-97888 Rev. *F
Page 6 of 34
Figure 2. 165-ball FBGA (13 × 15 × 1.4 mm) pinout (3-Chip Enable)
CY7C1381KV33 (512K × 36)
Pin Configurations (continued)
234
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
TDO
NC/288M
NC/144M
DQPC
DQC
DQPD
NC
DQD
CE1
BWB
CE3
BWC
BWE
A
CE2
DQC
DQD
DQD
MODE
NC
DQC
DQC
DQD
DQD
DQD
NC/36M
NC/72M
VDDQ
BWD
BWA
CLK
GW
VSS
VSS
VSS
VSS
VDDQ
VSS
VDD
VSS
VSS
VSS
A
VSS
VSS
VSS
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
A
A
VDD
VSS
VDD
VSS
VSS
VDDQ
VDD
VSS
VDD
VSS
VDD
VSS
VSS
VSS
VDD
VDD
VSS
VDD
VSS
VSS
NC
TCK
VSS
TDI
A
A
DQC
VSS
DQC
VSS
DQC
DQC
NC
VSS
VSS
VSS
VSS
NC
VSS
A1
DQD
DQD
NC
NC
VDDQ
VSS
TMS
89
10
11
A
ADV
A
ADSC
NC
OE
ADSP
A
NC/576M
VSS
VDDQ
NC/1G
DQPB
VDDQ
VDD
DQB
DQB
DQB
NC
DQB
NC
DQA
DQA
VDD
VDDQ
VDD
VDDQ
DQB
VDD
NC
VDD
DQA
VDD
VDDQ
DQA
VDDQ
VDD
VDD
VDDQ
VDD
VDDQ
DQA
VDDQ
A
A
VSS
A
A
A
DQB
DQB
DQB
ZZ
DQA
DQA
DQPA
DQA
A
VDDQ
A
A0
A
VSS


Similar Part No. - CY7C1381KV33-100AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1381B CYPRESS-CY7C1381B Datasheet
599Kb / 31P
   512 횞 36/1M 횞 18 Flow-Thru SRAM
CY7C1381B-100AC CYPRESS-CY7C1381B-100AC Datasheet
599Kb / 31P
   512 횞 36/1M 횞 18 Flow-Thru SRAM
CY7C1381B-100AI CYPRESS-CY7C1381B-100AI Datasheet
599Kb / 31P
   512 횞 36/1M 횞 18 Flow-Thru SRAM
CY7C1381B-100BGC CYPRESS-CY7C1381B-100BGC Datasheet
599Kb / 31P
   512 횞 36/1M 횞 18 Flow-Thru SRAM
CY7C1381B-100BGI CYPRESS-CY7C1381B-100BGI Datasheet
599Kb / 31P
   512 횞 36/1M 횞 18 Flow-Thru SRAM
More results

Similar Description - CY7C1381KV33-100AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1371KV33 CYPRESS-CY7C1371KV33 Datasheet
682Kb / 24P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM with NoBL??Architecture (With ECC)
CY7C1441KV33 CYPRESS-CY7C1441KV33 Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1370KV33 CYPRESS-CY7C1370KV33 Datasheet
999Kb / 32P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1380KV33 CYPRESS-CY7C1380KV33 Datasheet
3Mb / 33P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1386KV33 CYPRESS-CY7C1386KV33 Datasheet
390Kb / 23P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined DCD Sync SRAM
CY7C1370KV25 CYPRESS-CY7C1370KV25 Datasheet
2Mb / 30P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1440KV33 CYPRESS-CY7C1440KV33 Datasheet
3Mb / 33P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined Sync SRAM (With ECC)
CY7C1371S CYPRESS-CY7C1371S Datasheet
898Kb / 29P
   18-Mbit (512K 횞 36) Flow-Through SRAM with NoBL??Architecture
CY7C1441KV25 CYPRESS-CY7C1441KV25 Datasheet
856Kb / 29P
   36-Mbit (1M 횞 36) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com