Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1370KV33-200AXI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1370KV33-200AXI
Description  18-Mbit (512K36/1M18) Pipelined SRAM with NoBL??Architecture (With ECC)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1370KV33-200AXI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1370KV33-200AXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1370KV33-200AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1370KV33-200AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1370KV33-200AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1370KV33-200AXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1370KV33-200AXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1370KV33-200AXI Datasheet HTML 11Page - Cypress Semiconductor CY7C1370KV33-200AXI Datasheet HTML 12Page - Cypress Semiconductor CY7C1370KV33-200AXI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
CY7C1370KV33/CY7C1370KVE33
CY7C1372KV33/CY7C1372KVE33
Document Number: 001-97836 Rev. *H
Page 9 of 32
Functional Overview
The CY7C1370KV33, CY7C1370KVE33, CY7C1372KVE33
and CY7C1372KV33 are synchronous-pipelined burst NoBL
SRAMs designed specifically to eliminate wait states during
write/read transitions. All synchronous inputs pass through input
registers controlled by the rising edge of the clock. The clock
signal is qualified with the clock enable input signal (CEN). If
CEN is HIGH, the clock signal is not recognized and all internal
states are maintained. All synchronous operations are qualified
with CEN. All data outputs pass through output registers
controlled by the rising edge of the clock. Maximum access delay
from the clock rise (tCO) is 2.5 ns (250-MHz device).
Accesses can be initiated by asserting all three chip enables
(CE1, CE2, CE3) active at the rising edge of the clock. If clock
enable (CEN) is active LOW and ADV/LD is asserted LOW, the
address presented to the device will be latched. The access can
either be a read or write operation, depending on the status of
the write enable (WE). BWX can be used to conduct byte write
operations.
Write operations are qualified by the write enable (WE). All writes
are simplified with on-chip synchronous self-timed write circuitry.
Three synchronous chip enables (CE1, CE2, CE3) and an
asynchronous output enable (OE) simplify depth expansion. All
operations (reads, writes, and deselects) are pipelined. ADV/LD
should be driven LOW once the device has been deselected in
order to load a new address for the next operation.
Single Read Accesses
A read access is initiated when the following conditions are
satisfied at clock rise: (1) CEN is asserted LOW, (2) CE1, CE2,
and CE3 are all asserted active, (3) the write enable input signal
WE is deasserted HIGH, and (4) ADV/LD is asserted LOW. The
address presented to the address inputs is latched into the
address register and presented to the memory core and control
logic. The control logic determines that a read access is in
progress and allows the requested data to propagate to the input
of the output register. At the rising edge of the next clock the
requested data is allowed to propagate through the output
register and onto the data bus within 2.5 ns (250-MHz device)
provided OE is active LOW. After the first clock of the read
access the output buffers are controlled by OE and the internal
control logic. OE must be driven LOW in order for the device to
drive out the requested data. During the second clock, a
subsequent operation (read/write/deselect) can be initiated.
Deselecting the device is also pipelined. Therefore, when the
SRAM is deselected at clock rise by one of the chip enable
signals, its output will tristate following the next clock rise.
Burst Read Accesses
The CY7C1370KV33, CY7C1370KVE33, CY7C1372KVE33
and CY7C1372KV33 have an on-chip burst counter that allows
the user the ability to supply a single address and conduct up to
four reads without reasserting the address inputs. ADV/LD must
be driven LOW in order to load a new address into the SRAM,
as described in Single Read Accesses. The sequence of the
burst counter is determined by the MODE input signal. A LOW
input on MODE selects a linear burst mode, a HIGH selects an
interleaved burst sequence. Both burst counters use A0 and A1
in the burst sequence, and will wrap-around when incremented
sufficiently. A HIGH input on ADV/LD will increment the internal
burst counter regardless of the state of chip enables inputs or
WE. WE is latched at the beginning of a burst cycle. Therefore,
the type of access (read or write) is maintained throughout the
burst sequence.
Single Write Accesses
Write access are initiated when the following conditions are
satisfied at clock rise: (1) CEN is asserted LOW, (2) CE1, CE2,
and CE3 are all asserted active, and (3) the write signal WE is
asserted LOW. The address presented is loaded into the
address register. The write signals are latched into the control
logic block.
On the subsequent clock rise the data lines are automatically
tristated regardless of the state of the OE input signal. This
allows the external logic to present the data on DQ and DQP
(DQa,b,c,d/DQPa,b,c,d for CY7C1370KV33, CY7C1370KVE33,
and DQa,b/DQPa,b for CY7C1372KV33, CY7C1372KVE33). In
addition,
the
address
for
the
subsequent
access
(read/write/deselect) is latched into the address register
(provided the appropriate control signals are asserted).
On the next clock rise the data presented to DQ and DQP
(DQa,b,c,d/DQPa,b,c,d for CY7C1370KV33, CY7C1370KVE33 &
DQa,b/DQPa,b for CY7C1372KV33, CY7C1372KVE33) (or a
subset for byte write operations, see Write Cycle Description
table for details) inputs is latched into the device and the write is
complete.
The data written during the write operation is controlled by BW
(BWa,b,c,d for CY7C1370KV33, CY7C1370KVE33 and BWa,b for
CY7C1372KV33, CY7C1372KVE33) signals.
The CY7C1370KV33 / CY7C1370KVE33 / CY7C1372KV33 /
CY7C1372KVE33 provides byte write capability that is described
in the Write Cycle Description table. Asserting the write enable
input (WE) with the selected byte write select (BW) input will
selectively write to only the desired bytes. Bytes not selected
during a byte write operation will remain unaltered. A
synchronous self-timed write mechanism has been provided to
simplify the write operations. Byte write capability has been
included in order to greatly simplify read/modify/write
sequences, which can be reduced to simple byte write
operations.
Because
the
CY7C1370KV33,
CY7C1370KVE33
and
CY7C1372KV33, CY7C1372KVE33 are common I/O devices,
data should not be driven into the device while the outputs are
active. The output enable (OE) can be deasserted HIGH before
presenting data to the DQ and DQP (DQa,b,c,d/DQPa,b,c,d for
CY7C1370KV33, CY7C1370KVE33 and DQa,b/DQPa,b for
CY7C1372KV33, CY7C1372KVE33) inputs. Doing so will
tri-state the output drivers. As a safety precaution, DQ and DQP
(DQa,b,c,d/DQPa,b,c,d for CY7C1370KV33, CY7C1370KVE33
and DQa,b/DQPa,b for CY7C1372KV33, CY7C1372KVE33) are
automatically tristated during the data portion of a write cycle,
regardless of the state of OE.


Similar Part No. - CY7C1370KV33-200AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1370KV25 CYPRESS-CY7C1370KV25 Datasheet
2Mb / 30P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370KV25-167AXC CYPRESS-CY7C1370KV25-167AXC Datasheet
2Mb / 30P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370KV25-167BZC CYPRESS-CY7C1370KV25-167BZC Datasheet
2Mb / 30P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370KV25-167BZI CYPRESS-CY7C1370KV25-167BZI Datasheet
2Mb / 30P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370KV25-200AXC CYPRESS-CY7C1370KV25-200AXC Datasheet
2Mb / 30P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1370KV33-200AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1370KV25 CYPRESS-CY7C1370KV25 Datasheet
2Mb / 30P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370B CYPRESS-CY7C1370B Datasheet
759Kb / 27P
   512K 횞 36/1M 횞 18 Pipelined SRAM with NoBL Architecture
CY7C1460KV25 CYPRESS-CY7C1460KV25 Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33 CYPRESS-CY7C1460KV33 Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1371KV33 CYPRESS-CY7C1371KV33 Datasheet
682Kb / 24P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM with NoBL??Architecture (With ECC)
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1380KV33 CYPRESS-CY7C1380KV33 Datasheet
3Mb / 33P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM
CY7C1381KV33 CYPRESS-CY7C1381KV33 Datasheet
1Mb / 34P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM (With ECC)
CY7C1440KV33 CYPRESS-CY7C1440KV33 Datasheet
3Mb / 33P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined Sync SRAM (With ECC)
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com