Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1387KV33-167AXC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1387KV33-167AXC
Description  18-Mbit (512K36/1M18) Pipelined DCD Sync SRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1387KV33-167AXC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1387KV33-167AXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1387KV33-167AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1387KV33-167AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1387KV33-167AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1387KV33-167AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1387KV33-167AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1387KV33-167AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1387KV33-167AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1387KV33-167AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
CY7C1386KV33
CY7C1387KV33
Document Number: 001-97893 Rev. *E
Page 2 of 23
Logic Block Diagram – CY7C1386KV33
ADDRESS
REGISTER
ADV
CLK
BURST
COUNTER AND
LOGIC
CLR
Q1
Q0
ADSP
ADSC
MODE
BW D
BW C
BW B
BW A
BWE
GW
CE 1
CE 2
CE 3
OE
DQ D,DQP D
BYTE
WRITE REGISTER
DQ c,DQP C
BYTE
WRITE REGISTER
DQ B,DQP B
BYTE
WRITE REGISTER
DQ A,DQP A
BYTE
WRITE REGISTER
ENABLE
REGISTER
PIPELINED
ENABLE
OUTPUT
REGISTERS
SENSE
AMPS
MEMORY
ARRAY
OUTPUT
BUFFERS
DQ A,DQP A
BYTE
WRITE DRIVER
DQ B,DQP B
BYTE
WRITE DRIVER
DQ c,DQP C
BYTE
WRITE DRIVER
DQ D,DQP D
BYTE
WRITE DRIVER
INPUT
REGISTERS
A0,A1,A
A[1:0]
CONTROL
ZZ
E
2
DQs
DQP A
DQP B
DQP C
DQP D


Similar Part No. - CY7C1387KV33-167AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1387B CYPRESS-CY7C1387B Datasheet
789Kb / 32P
   512K x 36/1M x 18 Pipelined DCD SRAM
CY7C1387B-133AC CYPRESS-CY7C1387B-133AC Datasheet
789Kb / 32P
   512K x 36/1M x 18 Pipelined DCD SRAM
CY7C1387B-133BGC CYPRESS-CY7C1387B-133BGC Datasheet
789Kb / 32P
   512K x 36/1M x 18 Pipelined DCD SRAM
CY7C1387B-133BZC CYPRESS-CY7C1387B-133BZC Datasheet
789Kb / 32P
   512K x 36/1M x 18 Pipelined DCD SRAM
CY7C1387B-150AC CYPRESS-CY7C1387B-150AC Datasheet
789Kb / 32P
   512K x 36/1M x 18 Pipelined DCD SRAM
More results

Similar Description - CY7C1387KV33-167AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1444KV33 CYPRESS-CY7C1444KV33 Datasheet
1Mb / 22P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined DCD Sync SRAM
CY7C1380KV33 CYPRESS-CY7C1380KV33 Datasheet
3Mb / 33P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM
CY7C1386S CYPRESS-CY7C1386S Datasheet
727Kb / 22P
   18-Mbit (512 K 횞 36) Pipelined DCD Sync SRAM
CY7C1386D CYPRESS-CY7C1386D_12 Datasheet
687Kb / 34P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined DCD Sync SRAM
CY7C1370KV25 CYPRESS-CY7C1370KV25 Datasheet
2Mb / 30P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1440KV33 CYPRESS-CY7C1440KV33 Datasheet
3Mb / 33P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined Sync SRAM (With ECC)
CY7C1366C CYPRESS-CY7C1366C_12 Datasheet
984Kb / 32P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined DCD Sync SRAM
CY7C1370KV33 CYPRESS-CY7C1370KV33 Datasheet
999Kb / 32P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1440KV25 CYPRESS-CY7C1440KV25 Datasheet
2Mb / 30P
   36-Mbit (1M 횞 36) Pipelined Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com