Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CY7C1381KV33 Datasheet(PDF) 20 Page - Cypress Semiconductor

Part No. CY7C1381KV33
Description  18-Mbit (512K × 36/1M × 18) Flow-Through SRAM (With ECC)
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

CY7C1381KV33 Datasheet(HTML) 20 Page - Cypress Semiconductor

Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
CY7C1381KV33/CY7C1381KVE33
CY7C1383KV33/CY7C1383KVE33
Document Number: 001-97888 Rev. *F
Page 20 of 34
Boundary Scan Order
165-ball FBGA [12, 13]
Bit #
Ball ID
Bit #
Ball ID
Bit #
Ball ID
1N6
31
D10
61
G1
2N7
32
C11
62
D2
3N10
33
A11
63
E2
4P11
34
B11
64
F2
5P8
35
A10
65
G2
6R8
36
B10
66
H1
7R9
37
A9
67
H3
8
P938
B968
J1
9P10
39
C10
69
K1
10
R10
40
A8
70
L1
11
R11
41
B8
71
M1
12
H11
42
A7
72
J2
13
N11
43B7
73K2
14
M11
44
B6
74
L2
15
L11
45
A6
75
M2
16
K11
46
B5
76
N1
17
J11
47
A5
77
N2
18
M10
48A4
78P1
19
L10
49
B4
79
R1
20
K10
50
B3
80
R2
21
J10
51A3
81P3
22
H9
52
A2
82
R3
23
H10
53B2
83P2
24
G11
54
C2
84
R4
25
F11
55B1
85P4
26
E11
56
A1
86
N5
27
D11
57
C1
87
P6
28
G10
58
D1
88
R6
29
F10
59
E1
89
Internal
30
E10
60
F1
Notes
12. Balls which are NC (No Connect) are pre-set LOW.
13. Bit# 89 is pre-set HIGH.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn