Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CY7C1381KV33 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part No. CY7C1381KV33
Description  18-Mbit (512K × 36/1M × 18) Flow-Through SRAM (With ECC)
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

CY7C1381KV33 Datasheet(HTML) 10 Page - Cypress Semiconductor

Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
CY7C1381KV33/CY7C1381KVE33
CY7C1383KV33/CY7C1383KVE33
Document Number: 001-97888 Rev. *F
Page 10 of 34
Interleaved Burst Address Table
(MODE = Floating or VDD)
First
Address
A1:A0
Second
Address
A1:A0
Third
Address
A1:A0
Fourth
Address
A1:A0
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00
Linear Burst Address Table
(MODE = GND)
First
Address
A1:A0
Second
Address
A1:A0
Third
Address
A1:A0
Fourth
Address
A1:A0
00
01
10
11
01
10
11
00
10
11
00
01
11
00
01
10
ZZ Mode Electrical Characteristics
Parameter
Description
Test Conditions
Min
Max
Unit
IDDZZ
Sleep mode standby current
ZZ > VDD– 0.2 V
65
mA
tZZS
Device operation to ZZ
ZZ > VDD – 0.2 V
2tCYC
ns
tZZREC
ZZ recovery time
ZZ < 0.2 V
2tCYC
–ns
tZZI
ZZ active to sleep current
This parameter is sampled
2tCYC
ns
tRZZI
ZZ inactive to exit sleep current
This parameter is sampled
0
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn