Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY7C1381KV33 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part No. CY7C1381KV33
Description  18-Mbit (512K × 36/1M × 18) Flow-Through SRAM (With ECC)
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1381KV33 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1381KV33 Datasheet HTML 1Page - Cypress Semiconductor CY7C1381KV33 Datasheet HTML 2Page - Cypress Semiconductor CY7C1381KV33 Datasheet HTML 3Page - Cypress Semiconductor CY7C1381KV33 Datasheet HTML 4Page - Cypress Semiconductor CY7C1381KV33 Datasheet HTML 5Page - Cypress Semiconductor CY7C1381KV33 Datasheet HTML 6Page - Cypress Semiconductor CY7C1381KV33 Datasheet HTML 7Page - Cypress Semiconductor CY7C1381KV33 Datasheet HTML 8Page - Cypress Semiconductor CY7C1381KV33 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
CY7C1381KV33/CY7C1381KVE33
CY7C1383KV33/CY7C1383KVE33
18-Mbit (512K × 36/1M × 18)
Flow-Through SRAM (With ECC)
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-97888 Rev. *F
Revised February 16, 2018
18-Mbit (512K × 36/1M × 18) Flow-Through SRAM (With ECC)
Features
Supports 133 MHz bus operations
512K × 36 and 1M × 18 common I/O
3.3 V core power supply (VDD)
2.5 V or 3.3 V I/O supply (VDDQ)
Fast clock-to-output time
6.5 ns (133 MHz version)
Provides high performance 2-1-1-1 access rate
User selectable burst counter supporting interleaved or linear
burst sequences
Separate processor and controller address strobes
Synchronous self-timed write
Asynchronous output enable
CY7C1381KV33/CY7C1381KVE33
available
in
JEDEC-standard Pb-free 100-pin TQFP, Pb-free 165-ball
FBGA package. CY7C1383KV33/CY7C1383KVE33 available
in JEDEC-standard Pb-free 100-pin TQFP.
IEEE 1149.1 JTAG-Compatible Boundary Scan
ZZ sleep mode option.
On-chip error correction code (ECC) to reduce soft error rate
(SER)
Functional Description
The CY7C1381KV33/CY7C1381KVE33/CY7C1383KV33/
CY7C1383KVE33 are a 3.3 V, 512K × 36 and 1M × 18
synchronous flow through SRAMs, designed to interface with
high speed microprocessors with minimum glue logic. Maximum
access delay from clock rise is 6.5 ns (133 MHz version). A 2-bit
on-chip counter captures the first address in a burst and
increments the address automatically for the rest of the burst
access. All synchronous inputs are gated by registers controlled
by a positive edge triggered clock input (CLK). The synchronous
inputs include all addresses, all data inputs, address pipelining
chip enable (CE1), depth-expansion chip enables (CE2 and
CE3), burst control inputs (ADSC, ADSP, and ADV), write
enables (BWx, and BWE), and global write (GW). Asynchronous
inputs include the output enable (OE) and the ZZ pin.
The CY7C1381KV33/CY7C1381KVE33/CY7C1383KV33/
CY7C1383KVE33 allows interleaved or linear burst sequences,
selected by the MODE input pin. A HIGH selects an interleaved
burst sequence, while a LOW selects a linear burst sequence.
Burst accesses can be initiated with the processor address
strobe (ADSP) or the cache controller address strobe (ADSC)
inputs. Address advancement is controlled by the address
advancement (ADV) input.
Addresses and chip enables are registered at rising edge of
clock when address strobe processor (ADSP) or address strobe
controller (ADSC) are active. Subsequent burst addresses can
be internally generated as controlled by the advance pin (ADV).
CY7C1381KV33/CY7C1381KVE33/CY7C1383KV33/
CY7C1383KVE33 operates from a +3.3 V core power supply
while all outputs operate with a +2.5 V or +3.3 V supply. All inputs
and outputs are JEDEC-standard and JESD8-5-compatible.
Selection Guide
Description
133 MHz
100 MHz
Unit
Maximum access time
6.5
8.5
ns
Maximum operating current
× 18
129
114
mA
× 36
149
134
mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn