Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY7C1381KV33 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part No. CY7C1381KV33
Description  18-Mbit (512K × 36/1M × 18) Flow-Through SRAM (With ECC)
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

CY7C1381KV33 Datasheet(HTML) 6 Page - Cypress Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
CY7C1381KV33/CY7C1381KVE33
CY7C1383KV33/CY7C1383KVE33
Document Number: 001-97888 Rev. *F
Page 6 of 34
Figure 2. 165-ball FBGA (13 × 15 × 1.4 mm) pinout (3-Chip Enable)
CY7C1381KV33 (512K × 36)
Pin Configurations (continued)
234
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
TDO
NC/288M
NC/144M
DQPC
DQC
DQPD
NC
DQD
CE1
BWB
CE3
BWC
BWE
A
CE2
DQC
DQD
DQD
MODE
NC
DQC
DQC
DQD
DQD
DQD
NC/36M
NC/72M
VDDQ
BWD
BWA
CLK
GW
VSS
VSS
VSS
VSS
VDDQ
VSS
VDD
VSS
VSS
VSS
A
VSS
VSS
VSS
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
A
A
VDD
VSS
VDD
VSS
VSS
VDDQ
VDD
VSS
VDD
VSS
VDD
VSS
VSS
VSS
VDD
VDD
VSS
VDD
VSS
VSS
NC
TCK
VSS
TDI
A
A
DQC
VSS
DQC
VSS
DQC
DQC
NC
VSS
VSS
VSS
VSS
NC
VSS
A1
DQD
DQD
NC
NC
VDDQ
VSS
TMS
89
10
11
A
ADV
A
ADSC
NC
OE
ADSP
A
NC/576M
VSS
VDDQ
NC/1G
DQPB
VDDQ
VDD
DQB
DQB
DQB
NC
DQB
NC
DQA
DQA
VDD
VDDQ
VDD
VDDQ
DQB
VDD
NC
VDD
DQA
VDD
VDDQ
DQA
VDDQ
VDD
VDD
VDDQ
VDD
VDDQ
DQA
VDDQ
A
A
VSS
A
A
A
DQB
DQB
DQB
ZZ
DQA
DQA
DQPA
DQA
A
VDDQ
A
A0
A
VSS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn