Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY7C1381KV33 Datasheet(PDF) 33 Page - Cypress Semiconductor

Part No. CY7C1381KV33
Description  18-Mbit (512K × 36/1M × 18) Flow-Through SRAM (With ECC)
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1381KV33 Datasheet(HTML) 33 Page - Cypress Semiconductor

Back Button CY7C1381KV33 Datasheet HTML 26Page - Cypress Semiconductor CY7C1381KV33 Datasheet HTML 27Page - Cypress Semiconductor CY7C1381KV33 Datasheet HTML 28Page - Cypress Semiconductor CY7C1381KV33 Datasheet HTML 29Page - Cypress Semiconductor CY7C1381KV33 Datasheet HTML 30Page - Cypress Semiconductor CY7C1381KV33 Datasheet HTML 31Page - Cypress Semiconductor CY7C1381KV33 Datasheet HTML 32Page - Cypress Semiconductor CY7C1381KV33 Datasheet HTML 33Page - Cypress Semiconductor CY7C1381KV33 Datasheet HTML 34Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
CY7C1381KV33/CY7C1381KVE33
CY7C1383KV33/CY7C1383KVE33
Document Number: 001-97888 Rev. *F
Page 33 of 34
Document History Page
Document Title: CY7C1381KV33/CY7C1381KVE33/CY7C1383KV33/CY7C1383KVE33, 18-Mbit (512K × 36/1M × 18)
Flow-Through SRAM (With ECC)
Document Number: 001-97888
Rev.
ECN No.
Orig. of
Change
Submission
Date
Description of Change
*C
4983482
DEVM
10/26/2015 Changed status from Preliminary to Final.
*D
5085859
DEVM
01/14/2016 Post to external web.
*E
5333612
PRIT
07/01/2016 Updated Truth Table:
Updated details in “CE3” column corresponding to fifth row of “Deselected
Cycle, Power Down”.
Updated Neutron Soft Error Immunity:
Updated values in “Typ” and “Max” columns corresponding to LSBU (Device
without ECC) parameter.
Updated to new template.
*F
6073260
CNX
02/16/2018 Updated Package Diagrams:
spec 51-85050 – Changed revision from *E to *G.
Updated to new template.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn